Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF2520CF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWF2520CF
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF2520CF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF2520CF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF2520CF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimensions
3. Part Numbering
4. Specification
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
4. Application for DC power line.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature-40~+125℃ (Including self - temperature rise)
SWF
2520
C
F
-
1R0
M
A
B
C
D
E
F
A: Series
B: Dimension
L x W
C: Application
DC Power Line
D: Lead Free Code
E: Inductance
1R0=1.00 uH
F: Inductance Tolerance
K=±10%, M=±20%
Size
A
B
C
D
E
SWF2520
2.90 max.
2.50 max.
2.10 max.
1.20 ref.
0.55±0.1
Unit:mm
Winding Type Chip Inductor
SWF2520CF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
Min.
Test Frequency
(MHz)
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWF2520CF-1R0□
1.00
K,M
0.5V/7.96M
12
7.96
1000
0.13
345
SWF2520CF-1R5□
WF2012C-R56M-L01
1.50
K,M
0.5V/7.96M
12
7.96
850
0.17
100
SWF2520CF-2R2□
WF2012C-R68M-L01
2.20
K,M
0.5V/7.96M
12
7.96
775
0.21
78
SWF2520CF-3R3□
WF2012C-R82M-L01
3.30
K,M
0.5V/7.96M
12
7.96
715
0.26
48
SWF2520CF-4R7□
WF2012C-1R0M-L01
4.70
K,M
0.5V/7.96M
12
7.96
505
0.52
46
SWF2520CF-6R8□
WF2012C-1R2M-L01
6.80
K,M
0.5V/7.96M
12
7.96
432
0.72
33
SWF2520CF-8R2□
WF2012C-1R5M-L01
8.20
K,M
0.5V/2.52M
12
2.52
410
0.76
30
SWF2520CF-100□
WF2012C-1R8M-L01
10.0
K,M
0.5V/2.52M
12
2.52
392
0.86
28
SWF2520CF-150□
F2012C-2R2M-L01
15.0
K,M
0.5V/2.52M
12
2.52
342
1.09
21
SWF2520CF-220□
22.0
K,M
0.5V/2.52M
12
2.52
260
1.96
18
SWF2520CF-330□
33.0
K,M
0.5V/2.52M
12
2.52
236
2.47
15
Halogen-free
Halogen


Similar Part No. - SWF2520CF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-100K TAI-TECH-SWF2012CF-100K Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-100M TAI-TECH-SWF2012CF-100M Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-120K TAI-TECH-SWF2012CF-120K Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-120M TAI-TECH-SWF2012CF-120M Datasheet
163Kb / 2P
Winding Type Chip Inductor
More results

Similar Description - SWF2520CF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF3225CF TAI-TECH-SWF3225CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC42I TAI-TECH-SWC42I Datasheet
89Kb / 2P
Winding Type Chip Inductor
SWC32FC TAI-TECH-SWC32FC Datasheet
103Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com