Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF2012RF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWF2012RF
Description  Winding Type Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF2012RF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF2012RF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimensions
3. Part Numbering
4. Specification
SWF 2012
R
F
-
2R2
K
A
B
C
D
EF
A: Series
B: Dimension
L x W
C: Control S/N
D: Lead free type
E: Inductance
2R2=2.2 uH
F: Inductance Tolerance
K=±10%, M=±20%
Size
A
B
C
D
E
SWF2012
2.20±0.2
1.40±0.2
1.30±0.1
0.65ref.
0.50±0.1
Unit:mm
Winding Type Chip Inductor
SWF2012RF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q/MHz
Typ.
SRF
(MHz) Typ.
DCR
(Ω) ±30%.
IDC
(mA) Typ.
Irms
(mA) Typ.
SWF2012RF-1R0□
1.0
K,M
0.5V/7.9M
14/7.9
208
0.13
1100
1300
SWF2012RF-2R2□
2.2
K,M
0.5V/7.9M
13/7.9
87
0.22
740
1040
SWF2012RF-4R7□
4.7
K,M
0.5V/7.9M
14/7.9
51
0.43
520
840
SWF2012RF-6R8□
6.8
K,M
0.5V/7.9M
14/7.9
46
0.68
420
700
SWF2012RF-100□
10
K,M
0.5V/2.5M
14/2.5
31
0.85
360
560
SWF2012RF-150□
15
K,M
0.5V/2.5M
15/2.5
28
1.40
300
380
SWF2012RF-220□
22
K,M
0.5V/2.5M
15/2.5
20
1.76
240
340
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature -40~+125℃ (Including self - temperature rise)
7. These products provide low DC resistance and high current.
8. Precision inductance tolerance is available.
9. Application for DC power line.
Digital camera and other electronic equipment
Personal computers,Hard disk drives
Mobile Device / Handheld Device / LowProfile Device / Panel
xDSL modem and Cable modem
Halogen-free
Halogen


Similar Part No. - SWF2012RF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-100K TAI-TECH-SWF2012CF-100K Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-100M TAI-TECH-SWF2012CF-100M Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-120K TAI-TECH-SWF2012CF-120K Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2012CF-120M TAI-TECH-SWF2012CF-120M Datasheet
163Kb / 2P
Winding Type Chip Inductor
More results

Similar Description - SWF2012RF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF3225CF TAI-TECH-SWF3225CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2520CF TAI-TECH-SWF2520CF Datasheet
134Kb / 2P
Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC42I TAI-TECH-SWC42I Datasheet
89Kb / 2P
Winding Type Chip Inductor
SWC32FC TAI-TECH-SWC32FC Datasheet
103Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com