Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI0603F-R33J Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWI0603F-R33J
Description  High Frequency Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWI0603F-R33J Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWI0603F-R33J Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWI0603F-R33J Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
Part Number
Inductance
(nH)
Tolerance
Test Frequency
(Hz)
Q @ 250MHz
min.
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWI0603F-22N□
22
J,K
0.1V/250M
38
700
0.23
3000
SWI0603F-24N□
24
J,K
0.1V/250M
38
700
0.13
2800
SWI0603F-27N□
27
J,K
0.1V/250M
40
600
0.14
2800
SWI0603F-33N□
33
J,K
0.1V/250M
40
600
0.22
2300
SWI0603F-39N□
39
J.K
0.1V/250M
40
600
0.30
2200
SWI0603F-47N□
47
J,K
0.1V/200M
38
600
0.35
2000
SWI0603F-56N□
56
J,K
0.1V/200M
38
600
0.37
1900
SWI0603F-68N□
68
J,K
0.1V/200M
37
600
0.43
1700
SWI0603F-72N□
72
J,K
0.1V/150M
34
400
0.42
1700
SWI0603F-82N□
82
J,K
0.1V/150M
34
400
0.71
1700
SWI0603F-R10□
100
J,K
0.1V/150M
34
400
0.78
1400
SWI0603F-R12□
120
J,K
0.1V/150M
32
300
0.84
1300
SWI0603F-R15□
150
J,K
0.1V/150M
28
280
0.96
990
SWI0603F-R18□
180
J,K
0.1V/100M
25
240
1.52
990
SWI0603F-R22□
220
J,K
0.1V/100M
25
200
2.02
900
SWI0603F-R27□
270
J,K
0.1V/100M
24
170
2.36
900
SWI0603F-R33□
330
J,K
0.1V/100M
24
185
3.40
700
SWI0603F-R39□
390
J,K
0.1V/100M
24
100
3.60
900



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com