Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THI15F-R18S8A Datasheet(PDF) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # THI15F-R18S8A
Description  High Frequency Chip Inductor (Lead Free)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

THI15F-R18S8A Datasheet(HTML) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

  THI15F-R18S8A Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. THI15F-R18S8A Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. THI15F-R18S8A Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
Impedance, Inductance, Q v.s. Frequency Characteristics
Impedance v.s. Frequency Characteristics
Inductance v.s. Frequency Characteristics
Q v.s. Frequency Characteristics
10
100
1000
10000
FREQUENCY(MHz)
1
10
100
q
6.8n
10n
22n
47n
 
10
100
1000
10000
FREQUENCY(MHz)
1
10
100
1000
6.8n
10n
22n
33n
47n
 
10
100
1000
10000
FREQUENCY(MHz)
1
10
100
1000
10000
6.8n
10n
22n
33n
47n



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com