Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF2012CF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWF2012CF
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF2012CF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF2012CF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF2012CF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimensions
3. Part Numbering
4. Specification
SWF 2012
C
F
-
R47
M
A
B
C
D
E
F
A: Series
B: Dimension
L x W
C: Application
DC Power Line
D: Lead free type
E: Inductance
R47=0.47 uH
F: Inductance Tolerance
K=±10%,M=±20%
Size
A
B
C
D
E
SWF2012
2.40 max.
1.60 max.
1.40 max.
0.51 ref.
0.44±0.1
Unit:mm
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
4. Application for DC power line.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature -40~+125℃ (Including self - temperature rise)
Winding Type Chip Inductor
SWF2012CF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
min.
Test Frequency
(MHz)
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWF2012CF-R47□
0.47
K,M
0.5V/7.96M
10
7.96
750
0.20
720
SWF2012CF-R56□
0.56
K,M
0.5V/7.96M
10
7.96
730
0.21
665
SWF2012CF-R68□
0.68
K,M
0.5V/7.96M
10
7.96
670
0.28
565
SWF2012CF-R82□
0.82
K,M
0.5V/7.96M
10
7.96
650
0.31
545
SWF2012CF-1R0□
1.00
K,M
0.5V/7.96M
10
7.96
615
0.34
525
SWF2012CF-1R2□
1.20
K,M
0.5V/7.96M
10
7.96
550
0.39
473
SWF2012CF-1R5□
1.50
K,M
0.5V/7.96M
10
7.96
520
0.45
300
SWF2012CF-1R8□
1.80
K,M
0.5V/7.96M
10
7.96
500
0.48
230
SWF2012CF-2R2□
2.20
K,M
0.5V/7.96M
10
7.96
420
0.67
215
Halogen-free
Halogen


Similar Part No. - SWF2012CF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012RF-100K TAI-TECH-SWF2012RF-100K Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012RF-100M TAI-TECH-SWF2012RF-100M Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012RF-150K TAI-TECH-SWF2012RF-150K Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012RF-150M TAI-TECH-SWF2012RF-150M Datasheet
156Kb / 1P
Winding Type Chip Inductor
More results

Similar Description - SWF2012CF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF3225CF TAI-TECH-SWF3225CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2520CF TAI-TECH-SWF2520CF Datasheet
134Kb / 2P
Winding Type Chip Inductor
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC42I TAI-TECH-SWC42I Datasheet
89Kb / 2P
Winding Type Chip Inductor
SWC32FC TAI-TECH-SWC32FC Datasheet
103Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com