Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THI15F-R27S8A Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # THI15F-R27S8A
Description  High Frequency Chip Inductor (Lead Free)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

THI15F-R27S8A Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  THI15F-R27S8A Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. THI15F-R27S8A Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. THI15F-R27S8A Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
4. Specification
Tai-Tech
Part Number
Inductance
(nH)
Test
Frequency
(MHz)
Q
min.
Q(Typ.)
Frequency(MHz)
Rated Current
(mA) max.
DCR(Ω)
SRF(MHz)
100
300
500
800
1000
typ.
max.
typ.
min.
THI15F-1N0S8A
1.0
100
8
11
25
34
43
52
300
0.04
0.08
>13000 10000
THI15F-1N2S8A
1.2
100
8
11
25
35
44
52
300
0.04
0.09
>13000 10000
THI15F-1N5S8A
1.5
100
8
11
24
33
44
48
300
0.05
0.10
>13000 6000
THI15F-1N8S8A
1.8
100
8
11
23
30
36
42
300
0.06
0.12
11000
6000
THI15F-2N0S8A
2.0
100
8
11
21
27
34
39
300
0.06
0.12
10500
6000
THI15F-2N2S8A
2.2
100
8
10
18
25
31
36
300
0.07
0.13
10000
6000
THI15F-2N4S8A
2.4
100
8
10
18
24
31
35
300
0.07
0.13
9500
6000
THI15F-2N7S8A
2.7
100
8
10
18
24
31
34
300
0.08
0.13
9000
6000
THI15F-3N0S8A
3.0
100
8
10
18
24
31
35
300
0.09
0.16
8500
6000
THI15F-3N3S8A
3.3
100
8
10
18
24
31
35
300
0.10
0.16
8000
6000
THI15F-3N6S8A
3.6
100
8
10
18
24
31
35
300
0.11
0.20
7500
5000
THI15F-3N9S8A
3.9
100
8
10
18
24
31
35
300
0.12
0.21
7000
4000
THI15F-4N3S8A
4.3
100
8
10
18
24
31
35
300
0.12
0.20
6500
4000
THI15F-4N7S8A
4.7
100
8
10
18
24
31
34
300
0.12
0.21
6000
4000
THI15F-5N1S8A
5.1
100
8
10
18
24
31
34
300
0.13
0.21
5800
4000
THI15F-5N6S8A
5.6
100
8
10
18
24
30
35
300
0.15
0.23
5700
4000
THI15F-6N2S8A
6.2
100
8
10
18
24
30
34
300
0.16
0.25
5600
3900
THI15F-6N8□8A
6.8
100
8
10
18
23
29
32
300
0.17
0.25
5500
3900
THI15F-7N5□8A
7.5
100
8
10
18
23
29
32
300
0.18
0.25
5200
3700
THI15F-8N2□8A
8.2
100
8
10
18
23
29
31
300
0.21
0.28
4900
3600
THI15F-9N1□8A
9.1
100
8
10
18
23
29
31
300
0.22
0.30
4500
3400
THI15F-10N□8A
10
100
8
10
18
23
29
31
300
0.23
0.31
4300
3200
THI15F-12N□8A
12
100
8
11
18
23
29
31
300
0.28
0.40
3900
2700
THI15F-15N□8A
15
100
8
11
18
23
28
30
300
0.31
0.46
3500
2300
THI15F-18N□8A
18
100
8
11
18
23
28
30
300
0.35
0.55
3100
2100
THI15F-22N□8A
22
100
8
11
17
22
26
27
300
0.42
0.60
2800
1900
THI15F-27N□8A
27
100
8
11
17
21
25
26
300
0.47
0.70
2300
1600
THI15F-33N□8A
33
100
8
11
16
20
23
22
200
0.50
0.80
1900
1300
THI15F-39N□8A
39
100
8
11
16
20
23
21
200
0.52
0.90
1700
1200
THI15F-47N□8A
47
100
8
11
16
19
21
18
200
0.58
1.00
1500
1000
THI15F-56N□8A
56
100
8
11
16
18
18
16
200
0.61
1.00
1300
750
THI15F-68N□8A
68
100
8
11
15
17
18
11
180
0.70
1.20
1200
750
THI15F-82N□8A
82
100
8
10
14
16
15
6
150
0.81
1.30
1100
600
THI15F-R10□8A
100
100
8
10
14
14
12
-
150
0.94
1.50
1000
600
THI15F-R12□8A
120
100
8
10
12
10
-
-
150
1.10
1.60
800
600
THI15F-R15□8A
150
100
8
12
17
17
-
-
140
2.57
3.20
920
550
THI15F-R18□8A
180
100
8
12
16
-
-
-
130
2.97
3.70
810
500
THI15F-R22□8A
220
100
8
12
16
-
-
-
120
3.29
4.20
700
450
THI15F-R27□8A
270
100
8
12
14
-
-
-
110
3.92
4.80
600
400
Note: □:TOLERANCE J:+/-5% K :+/-10%
Rated current: based on temperature rise test
In compliance with EIA 595



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com