Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF1608CF Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWF1608CF
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF1608CF Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF1608CF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF1608CF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
0
1
2
3
4
5
6
7
8
9
10
11
12
0
500
1000
1500
2000
IDC (mA)
100
8R2
5R6
3R3
2R2
1R0
R56
10
100
1000
10000
100000
1
10
100
1000
10000
Frequency(MHz)
100 5R6
3R3
2R2
1R0
R56
R22
R10
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
min.
Test Frequency
(MHz)
SRF
(MHz) min.
DCR
(Ω) max.
Rated Current
(mA) max.
SWF1608CF-1R5□
1.5
K,M
0.5V/7.96M
10
7.96
100
0.96
350
SWF1608CF-1R8□
1.8
K,M
0.5V/7.96M
10
7.96
80
1.10
350
SWF1608CF-2R2□
2.2
K,M
0.5V/7.96M
10
7.96
68
1.20
320
SWF1608CF-3R3□
3.3
K,M
0.5V/7.96M
10
7.96
42
1.50
280
SWF1608CF-3R9□
3.9
K,M
0.5V/7.96M
10
7.96
40
1.50
280
SWF1608CF-4R7□
4.7
K,M
0.5V/7.96M
10
7.96
34
2.10
260
SWF1608CF-5R6□
5.6
K,M
0.5V/7.96M
10
7.96
32
2.60
240
SWF1608CF-6R8□
6.8
K,M
0.5V/7.96M
10
7.96
31
3.10
200
SWF1608CF-8R2□
8.2
K,M
0.5V/7.96M
10
7.96
26
4.40
190
SWF1608CF-100□
10.0
K,M
0.5V/2.52M
10
2.52
25
4.80
180



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com