Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC252FC Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWC252FC
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWC252FC Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWC252FC Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWC252FC Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
SWC
252
FC
-
1R0
K
A
A
B
C
D
E
F
A: Series
B: Dimension
LxW
C: Lead free type
D: Inductance
1R0=1.00uH
E: Inductance Tolerance
K=±10%, M=±20%
F: Control S/N
 
 
1. Features
2. Dimensions
3. Part Numbering
4. Specification
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
4. Application for DC power line.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature-40~+125℃ (Including self - temperature rise)
Size
A
B
C
D
E
SWC252FC
2.90 max.
2.50 max.
2.10 max.
1.20 ref.
0.55±0.1
Unit:mm
Winding Type Chip Inductor
SWC252FC-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
Min.
Test Frequency
(MHz)
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWC252FC-1R0□A
1.00
K,M
0.5V/7.96M
12
7.96
1000
0.13
345
SWC252FC-1R5□A
1.50
K,M
0.5V/7.96M
12
7.96
850
0.17
100
SWC252FC-2R2□A
2.20
K,M
0.5V/7.96M
12
7.96
775
0.21
78
SWC252FC-3R3□A
3.30
K,M
0.5V/7.96M
12
7.96
715
0.26
48
SWC252FC-4R7□A
4.70
K,M
0.5V/7.96M
12
7.96
505
0.52
46
SWC252FC-6R8□A
6.80
K,M
0.5V/7.96M
12
7.96
432
0.72
33
SWC252FC-8R2□A
8.20
K,M
0.5V/2.52M
12
2.52
410
0.76
30
SWC252FC-100□A
10.0
K,M
0.5V/2.52M
12
2.52
392
0.86
28
SWC252FC-150□A
15.0
K,M
0.5V/2.52M
12
2.52
342
1.09
21
SWC252FC-220□A
22.0
K,M
0.5V/2.52M
12
2.52
260
1.96
18
SWC252FC-330□A
33.0
K,M
0.5V/2.52M
12
2.52
236
2.47
15
Halogen-free
Halogen


Similar Part No. - SWC252FC

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWC27-N CUI-SWC27-N Datasheet
390Kb / 4P
AC-DC POWER SUPPLY
SWC27-N CUI-SWC27-N Datasheet
333Kb / 4P
AC-DC POWER SUPPLY
04/26/2021
SWC27-N CUI-SWC27-N_V01 Datasheet
333Kb / 4P
AC-DC POWER SUPPLY
04/26/2021
SWC27-T5912-N CUI-SWC27-T5912-N Datasheet
390Kb / 4P
AC-DC POWER SUPPLY
SWC27-T5912-N CUI-SWC27-T5912-N Datasheet
333Kb / 4P
AC-DC POWER SUPPLY
04/26/2021
More results

Similar Description - SWC252FC

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF3225CF TAI-TECH-SWF3225CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2520CF TAI-TECH-SWF2520CF Datasheet
134Kb / 2P
Winding Type Chip Inductor
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC42I TAI-TECH-SWC42I Datasheet
89Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com