Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF1608CF-R22K Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWF1608CF-R22K
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF1608CF-R22K Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF1608CF-R22K Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF1608CF-R22K Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimensions
3. Part Numbering
4. Specification
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
4. Application for DC power line.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature -40~+125℃ (Including self - temperature rise)
SWF 1608
C
F
-
47N
K
A
B
C
D
E
F
A: Series
B: Dimension
L x W
C: Application
DC Power Line
D: Lead free type
E: Inductance
47N=0.047 uH
F: Inductance Tolerance
K=±10%; M=±20%
Size
A
B
C
D
E
SWF1608
1.80 max.
1.20 max.
1.20 max.
0.38 ref.
0.35±0.1
Unit:mm
Winding Type Chip Inductor
SWF1608CF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
min.
Test Frequency
(MHz)
SRF
(MHz) min.
DCR
(Ω) max.
Rated Current
(mA) max.
SWF1608CF-47N□
0.047
K,M
0.5V/7.96M
10
7.96
1500
0.075
1400
SWF1608CF-R10□
0.10
K,M
0.5V/7.96M
10
7.96
1150
0.13
1400
SWF1608CF-R12□
0.12
K,M
0.5V/7.96M
10
7.96
1100
0.15
1400
SWF1608CF-R15□
0.15
K,M
0.5V/7.96M
10
7.96
1050
0.15
1300
SWF1608CF-R18□
0.18
K,M
0.5V/7.96M
10
7.96
950
0.15
1300
SWF1608CF-R22□
0.22
K,M
0.5V/7.96M
10
7.96
800
0.15
950
SWF1608CF-R24□
0.24
K,M
0.5V/7.96M
10
7.96
800
0.31
620
SWF1608CF-R27□
0.27
K,M
0.5V/7.96M
10
7.96
775
0.20
710
SWF1608CF-R33□
0.33
K,M
0.5V/7.96M
10
7.96
725
0.35
620
SWF1608CF-R39□
0.39
K,M
0.5V/7.96M
10
7.96
620
0.39
600
SWF1608CF-R47□
0.47
K,M
0.5V/7.96M
10
7.96
540
0.43
570
SWF1608CF-R56□
0.56
K,M
0.5V/7.96M
10
7.96
525
0.47
550
SWF1608CF-R68□
0.68
K,M
0.5V/7.96M
10
7.96
460
0.52
470
SWF1608CF-R82□
0.82
K,M
0.5V/7.96M
10
7.96
410
0.69
400
SWF1608CF-1R0□
1.0
K,M
0.5V/7.96M
10
7.96
190
0.81
400
SWF1608CF-1R2□
1.2
K,M
0.5V/7.96M
10
7.96
160
0.87
370
Halogen-free
Halogen


Similar Part No. - SWF1608CF-R22K

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608LF-100J TAI-TECH-SWF1608LF-100J Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608LF-100K TAI-TECH-SWF1608LF-100K Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608LF-1R0K TAI-TECH-SWF1608LF-1R0K Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608LF-1R2K TAI-TECH-SWF1608LF-1R2K Datasheet
132Kb / 2P
Winding Type Chip Inductor
More results

Similar Description - SWF1608CF-R22K

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF3225CF TAI-TECH-SWF3225CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2520CF TAI-TECH-SWF2520CF Datasheet
134Kb / 2P
Winding Type Chip Inductor
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWC42I TAI-TECH-SWC42I Datasheet
89Kb / 2P
Winding Type Chip Inductor
SWC32FC TAI-TECH-SWC32FC Datasheet
103Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com