Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC108I-R15GA Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWC108I-R15GA
Description  High Frequency Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWC108I-R15GA Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWC108I-R15GA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWC108I-R15GA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1
10
100
1000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
100000
q
10nH
220nH
2.2uH
1
10
100
1000
FREQUENCY(MHz)
1
10
100
1000
10000
100000
10nH
220nH
2.2uH
Part Number
Inductance
(nH)
Tolerance
Test Frequency
(Hz)
Q @ Test Freq.
min.
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz)
min.
SWC108I-R15□A
150
G, J,K
0.1V/25M
45/100
580
0.70
850
SWC108I-R18□A
180
G, J,K
0.1V/25M
45/100
620
0.77
750
SWC108I-R22□A
220
G, J,K
0.1V/25M
45/100
500
0.84
700
SWC108I-R27□A
270
G, J,K
0.1V/25M
45/100
500
0.91
600
SWC108I-R33□A
330
G, J,K
0.1V/25M
45/100
450
1.05
570
SWC108I-R39□A
390
G, J,K
0.1V/25M
45/100
470
1.12
500
SWC108I-R47□A
470
G, J,K
0.1V/25M
45/100
470
1.19
450
SWC108I-R56□A
560
G, J,K
0.1V/25M
45/100
400
1.33
415
SWC108I-R62□A
620
G, J,K
0.1V/25M
45/100
300
1.40
375
SWC108I-R68□A
680
G, J,K
0.1V/25M
45/100
400
1.47
375
SWC108I-R75□A
750
G, J,K
0.1V/25M
45/100
360
1.54
360
SWC108I-R82□A
820
G, J,K
0.1V/25M
45/100
400
1.61
350
SWC108I-R91□A
910
G, J,K
0.1V/25M
35/50
380
1.68
320
SWC108I-1R0□A
1000
G, J,K
0.1V/25M
35/50
370
1.75
290
SWC108I-1R2□A
1200
G, J,K
0.1V/7.9M
35/50
310
2.00
250
SWC108I-1R5□A
1500
G, J,K
0.1V/7.9M
28/50
330
2.23
200
SWC108I-1R8□A
1800
G, J,K
0.1V/7.9M
28/50
300
2.60
160
SWC108I-2R2□A
2200
G, J,K
0.1V/7.9M
28/50
280
2.80
160
SWC108I-2R7□A
2700
G, J,K
0.1V/7.9M
22/25
290
3.20
140
SWC108I-3R3□A
3300
G, J,K
0.1V/7.9M
22/25
290
3.40
110
SWC108I-3R9□A
3900
G, J,K
0.1V/7.9M
20/25
260
3.6
100
SWC108I-4R7□A
4700
G, J,K
0.1V/7.9M
18/7.9
200
4
32
SWC108I-5R6□A
5600
G, J,K
0.1V/7.9M
18/7.9
200
4.0
25
SWC108I-6R8□A
6800
G, J,K
0.1V/7.9M
18/7.9
200
4.9
21
SWC108I-8R2□A
8200
G, J,K
0.1V/7.9M
16 /7.9
170
6.0
16
SWC108I-100□A
10000
G, J,K
0.1V/2.52M
15/7.9
170
8.0
14
Impedance v.s. Frequency Characteristics
Inductance v.s. Frequency Characteristics
SWC108I Z vs Freq
SWC108I L vs Freq



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com