Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC108I-R39GA Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWC108I-R39GA
Description  High Frequency Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWC108I-R39GA Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWC108I-R39GA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWC108I-R39GA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
SWC
108
I
-
10N
J
A
A
B
C
D
E
F
A: Series
B: Dimension
LxW
C: Lead free type
D: Inductance
10N=10nH
E: Inductance Tolerance
G=±2%, J=±5%, K=±10%
F: Control S/N
Size
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
SWC108I
2.92 max.
2.79 max.
2.20 max.
1.20 ref.
0.55±0.1
Unit:mm
1. Ceramic core wire wound construction.
2. No batch to batch variations in inductance
3. High Reliability due to ceramic wire wound construction.
4. High frequency application.
5. Small footprint as well as low profile.
6. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
7. Operating temperature -40~+125℃ (Including self - temperature rise)
High Frequency Winding Type Chip Inductor
SWC108I-SERIES
Part Number
Inductance
(nH)
Tolerance
Test Frequency
(Hz)
Q @ Test Freq.
min.
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWC108I-10N□A
10
G, J, K
0.1V/50M
50/500
1000
0.08
4100
SWC108I-12N□A
12
G, J, K
0.1V/50M
50/500
1000
0.09
3300
SWC108I-15N□A
15
G, J, K
0.1V/50M
50/500
1000
0.18
2500
SWC108I-18N□A
18
G, J, K
0.1V/50M
50/350
1000
0.11
2500
SWC108I-22N□A
22
G, J, K
0.1V/50M
55/350
1000
0.12
2400
SWC108I-27N□A
27
G, J, K
0.1V/50M
55/350
1000
0.13
1600
SWC108I-33N□A
33
G, J, K
0.1V/50M
60/350
1000
0.14
1600
SWC108I-39N□A
39
G, J, K
0.1V/50M
60/350
1000
0.15
1500
SWC108I-47N□A
47
G, J, K
0.1V/50M
65/350
1000
0.16
1500
SWC108I-56N□A
56
G, J,K
0.1V/50M
65/350
1000
0.18
1300
SWC108I-68N□A
68
G, J,K
0.1V/50M
65/350
1000
0.20
1300
SWC108I-82N□A
82
G, J,K
0.1V/50M
60/350
1000
0.22
1000
SWC108I-R10□A
100
G, J,K
0.1V/25M
60/350
650
0.56
1000
SWC108I-R12□A
120
G, J,K
0.1V/25M
60/350
650
0.63
950
Halogen-free
Halogen


Similar Part No. - SWC108I-R39GA

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SWC10056AA120-500 LSTD-SWC10056AA120-500 Datasheet
85Kb / 1P
this print is the property of laird tech
More results

Similar Description - SWC108I-R39GA

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWI1008UF TAI-TECH-SWI1008UF Datasheet
146Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0805F TAI-TECH-SWI0805F Datasheet
164Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0402F TAI-TECH-SWI0402F Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC85I TAI-TECH-SWC85I Datasheet
82Kb / 2P
High Frequency Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com