Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC32FC Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWC32FC
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWC32FC Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWC32FC Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWC32FC Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
SWC
32
FC
-
1R0
 
K
A
A
B
C
D
E
F
A: Series
B: Dimension
LxW
C: Lead free type
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
K=±10%, M=±20%
F: Control S/N
 
 
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
4. Application for DC power line.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature-40~+125℃ (Including self - temperature rise)
Size
A
B
C
D
E
SWC32FC
3.60 max.
2.80 max.
2.60 max.
0.80 ref.
0.55±0.1
Unit:mm
Winding Type Chip Inductor
SWC32FC-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
min.
Test Frequency
(MHz)
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWC32FC-1R0□A
1.00
K,M
0.5V/7.96M
10
7.96
1200
0.12
290
SWC32FC-1R5□A
1.50
K,M
0.5V/7.96M
10
7.96
1000
0.13
260
SWC32FC-2R2□A
2.20
K,M
0.5V/7.96M
10
7.96
880
0.17
190
SWC32FC-3R3□A
3.30
K,M
0.5V/7.96M
10
7.96
775
0.22
64
SWC32FC-4R7□A
4.70
K,M
0.5V/7.96M
10
7.96
710
0.26
54
SWC32FC-6R8□A
6.80
K,M
0.5V/7.96M
10
7.96
660
0.30
34
SWC32FC-100□A
10.0
K,M
0.5V/2.52M
10
2.52
570
0.39
25
SWC32FC-150□A
15.0
K,M
0.5V/2.52M
10
2.52
440
0.66
17
SWC32FC-220□A
22.0
K,M
0.5V/2.52M
10
2.52
400
0.82
16
Halogen-free
Halogen


Similar Part No. - SWC32FC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SWC HAMMOND-SWC Datasheet
57Kb / 1P
Armoire murale a porte pivotante
logo
Laird Tech Smart Techno...
SWC LSTD-SWC Datasheet
368Kb / 1P
Compatible with WPC Qi Standard
logo
Eravant
SWC-0608F-R1 ERAVANT-SWC-0608F-R1 Datasheet
380Kb / 3P
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Rev 1.0
SWC-0608M-R1 ERAVANT-SWC-0608M-R1 Datasheet
380Kb / 3P
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Rev 1.0
SWC-081F-E1 ERAVANT-SWC-081F-E1 Datasheet
359Kb / 3P
WR-08 Waveguide to 1.0 mm Connector Adapter, End Launch
Rev 1.2
More results

Similar Description - SWC32FC

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF3225CF TAI-TECH-SWF3225CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2520CF TAI-TECH-SWF2520CF Datasheet
134Kb / 2P
Winding Type Chip Inductor
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC42I TAI-TECH-SWC42I Datasheet
89Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com