Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC63I-R10J Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWC63I-R10J
Description  High Frequency Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWC63I-R10J Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWC63I-R10J Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWC63I-R10J Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
SWC
63
I
-
33N
J
A
A
B
C
D
E
F
A: Series
B: Dimension
LxW
C: Lead free type
D: Inductance
33N=33nH
E: Inductance Tolerance
J=±5%
F: Control S/N
 
 
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Size
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
SWC63I
1.80 max.
1.20 max.
1.20 max.
0.38 ref.
0.35±0.1
Unit:mm
1. Ceramic core wire wound construction.
2. No batch to batch variations in inductance
3. High Reliability due to ceramic wire wound construction.
4. High frequency application.
5. Small footprint as well as low profile.
6. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
7. Operating temperature-40~+125℃ (Including self - temperature rise)
High Frequency Winding Type Chip Inductor SWC63I-SERIES
Halogen-free
Halogen
Part Number
Inductance
(nH)
Tolerance
Test Frequency
(Hz)
Q @ 250MHz
min.
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWC63I-2N0□A
2.0
C,S
0.1V/250M
13
700
0.07
8000
SWC63I-3N9□A
3.9
C,S
0.1V/250M
22
700
0.07
6900
SWC63I-4N7□A
4.7
C,J,K
0.1V/250M
20
700
0.12
5800
SWC63I-6N8□A
6.8
C,J,K
0.1V/250M
27
700
0.08
5800
SWC63I-8N2□A
8.2
C,J,K
0.1V/250M
30
700
0.13
4200
SWC63I-10N□A
10
J,K
0.1V/250M
31
700
0.13
4800
SWC63I-12N□A
12
J,K
0.1V/250M
35
700
0.13
4000
SWC63I-15N□A
15
J,K
0.1V/250M
35
700
0.13
4000
SWC63I-18N□A
18
J,K
0.1V/250M
35
700
0.16
3100


Similar Part No. - SWC63I-R10J

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SWC HAMMOND-SWC Datasheet
57Kb / 1P
Armoire murale a porte pivotante
logo
Laird Tech Smart Techno...
SWC LSTD-SWC Datasheet
368Kb / 1P
Compatible with WPC Qi Standard
logo
Eravant
SWC-0608F-R1 ERAVANT-SWC-0608F-R1 Datasheet
380Kb / 3P
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Rev 1.0
SWC-0608M-R1 ERAVANT-SWC-0608M-R1 Datasheet
380Kb / 3P
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Rev 1.0
SWC-081F-E1 ERAVANT-SWC-081F-E1 Datasheet
359Kb / 3P
WR-08 Waveguide to 1.0 mm Connector Adapter, End Launch
Rev 1.2
More results

Similar Description - SWC63I-R10J

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWI1008UF TAI-TECH-SWI1008UF Datasheet
146Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0805F TAI-TECH-SWI0805F Datasheet
164Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0402F TAI-TECH-SWI0402F Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC108I TAI-TECH-SWC108I Datasheet
81Kb / 2P
High Frequency Winding Type Chip Inductor
SWC85I TAI-TECH-SWC85I Datasheet
82Kb / 2P
High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com