Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCI21F-R10KA Datasheet(PDF) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MCI21F-R10KA
Description  Ferrite Chip Inductor(Lead Free)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MCI21F-R10KA Datasheet(HTML) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MCI21F-R10KA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MCI21F-R10KA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. MCI21F-R10KA Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
Q vs Frequency,DC Bias Characteristics(Typical)
 
110
100
FREQUENCY(MHz)
0
20
40
60
80
100
120
R10
1R0
4R7
100
MCI21/2112
Q vs Freq.
 
1
10
100
1000
DC Current(mA)
0.1
1
10
100
100
4R7
1R0
R12
MCI21/2112
L vs IDC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com