Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC63I-R18J Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWC63I-R18J
Description  High Frequency Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWC63I-R18J Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWC63I-R18J Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWC63I-R18J Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
Part Number
Inductance
(nH)
Tolerance
Test Frequency
(Hz)
Q @ 250MHz
min.
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWC63I-22N□A
22
J,K
0.1V/250M
38
700
0.23
3000
SWC63I-24N□A
24
J,K
0.1V/250M
38
700
0.13
2800
SWC63I-27N□A
27
J,K
0.1V/250M
40
600
0.14
2800
SWC63I-33N□A
33
J,K
0.1V/250M
40
600
0.22
2300
SWC63I-39N□A
39
J.K
0.1V/250M
40
600
0.30
2200
SWC63I-47N□A
47
J,K
0.1V/200M
38
600
0.35
2000
SWC63I-56N□A
56
J,K
0.1V/200M
38
600
0.37
1900
SWC63I-68N□A
68
J,K
0.1V/200M
37
600
0.43
1700
SWC63I-72N□A
72
J,K
0.1V/150M
34
400
0.42
1700
SWC63I-82N□A
82
J,K
0.1V/150M
34
400
0.71
1700
SWC63I-R10□A
100
J,K
0.1V/150M
34
400
0.78
1400
SWC63I-R12□A
120
J,K
0.1V/150M
32
300
0.84
1300
SWC63I-R15□A
150
J,K
0.1V/150M
28
280
0.96
990
SWC63I-R18□A
180
J,K
0.1V/100M
25
240
1.52
990
SWC63I-R22□A
220
J,K
0.1V/100M
25
200
2.02
900
SWC63I-R27□A
270
J,K
0.1V/100M
24
170
2.36
900
SWC63I-R33□A
330
J,K
0.1V/100M
24
185
3.40
700
SWC63I-R39□A
390
J,K
0.1V/100M
24
100
3.60
900



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com