Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCI18F-R18KA Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MCI18F-R18KA
Description  Ferrite Chip Inductor(Lead Free)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MCI18F-R18KA Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MCI18F-R18KA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MCI18F-R18KA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. MCI18F-R18KA Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
MCI
18
F
-1R8
K
A
A
B
C
D
E
F
A: Series
B: Dimension
C: Material
Lead Free Material
D: Inductance
1R8=1.8uH
E: Inductance Tolerance
K=±10%,L=±15%,M=±20%
F: Category Code
Chip Size
A
1.60±0.15
B
0.80±0.15
C
0.80±0.15
D
0.30±0.20
Units: mm
Tai-Tech
Inductance(uH)
Q
Rated Current
DCR
SRF
Part Number
Tolerance
Test
Frequency
(Hz)
min.
Test Frequency
(MHz)
(mA) max.
(Ω) max.
(MHz) min.
MCI18F-47N□A
0.047
60mV / 50M
10
50
50
0.30
260
MCI18F-68N□A
0.068
60mV / 50M
10
50
50
0.30
250
MCI18F-82N□A
0.082
60mV / 50M
10
50
50
0.30
245
MCI18F-R10□A
0.10
60mV / 25M
15
25
50
0.50
240
MCI18F-R12□A
0.12
60mV / 25M
15
25
50
0.50
205
MCI18F-R15□A
0.15
60mV / 25M
15
25
50
0.60
180
MCI18F-R18□A
0.18
60mV / 25M
15
25
50
0.60
165
MCI18F-R22□A
0.22
60mV / 25M
15
25
50
0.80
150
MCI18F-R27□A
0.27
60mV / 25M
15
25
50
0.80
136
MCI18F-R33□A
0.33
60mV / 25M
15
25
35
0.85
125
MCI18F-R39□A
0.39
60mV / 25M
15
25
35
1.00
110
MCI18F-R47□A
0.47
60mV / 25M
15
25
35
1.35
105
MCI18F-R56□A
0.56
60mV / 25M
15
25
35
1.55
95
MCI18F-R68□A
0.68
60mV / 25M
15
25
35
1.70
80
MCI18F-R82□A
0.82
60mV / 25M
15
25
35
2.10
75
NOTE: □:TOLERANCE
K=±10%,L=±15%,M=±20%
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. S.M.T. type.
4. Suitable for reflow soldering.
5. Shapes and dimensions follow E.I.A. spec.
6. Available in various sizes.
7. Excellent solder ability and heat resistance.
8. High reliability.
9. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
10. Operating Temperature:-55~+105℃(Including self-temperature rise)
Ferrite Chip Inductor(Lead Free)
MCI18-Series
Halogen-free
Halogen


Similar Part No. - MCI18F-R18KA

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MCI1812-100JB RCD-MCI1812-100JB Datasheet
37Kb / 1P
MOLDED WIREWOUND CHIP INDUCTORS
MCI1812-100JBQ RCD-MCI1812-100JBQ Datasheet
37Kb / 1P
MOLDED WIREWOUND CHIP INDUCTORS
MCI1812-100JBW RCD-MCI1812-100JBW Datasheet
37Kb / 1P
MOLDED WIREWOUND CHIP INDUCTORS
MCI1812-100JT RCD-MCI1812-100JT Datasheet
37Kb / 1P
MOLDED WIREWOUND CHIP INDUCTORS
MCI1812-100JTQ RCD-MCI1812-100JTQ Datasheet
37Kb / 1P
MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - MCI18F-R18KA

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MCI21 TAI-TECH-MCI21 Datasheet
79Kb / 3P
Ferrite Chip Inductor(Lead Free)
FCI2012 TAI-TECH-FCI2012 Datasheet
64Kb / 3P
Ferrite Chip Inductor(Lead Free)
FCI1608 TAI-TECH-FCI1608 Datasheet
65Kb / 3P
Ferrite Chip Inductor(Lead Free)
FCI1005 TAI-TECH-FCI1005 Datasheet
63Kb / 2P
Ferrite Chip Inductor(Lead Free)
CPI201610UF TAI-TECH-CPI201610UF Datasheet
69Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI160809UF TAI-TECH-CPI160809UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MCP2110U TAI-TECH-MCP2110U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809SF TAI-TECH-MPI160809SF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809MF TAI-TECH-MPI160809MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP25210U TAI-TECH-MCP25210U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com