Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCI2012F-R22K Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # FCI2012F-R22K
Description  Ferrite Chip Inductor(Lead Free)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

FCI2012F-R22K Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  FCI2012F-R22K Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. FCI2012F-R22K Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. FCI2012F-R22K Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
FCI
2012
F
-
1R0
K
A
B
C
D
E
A: Series
B: Dimension
L x W
C: Material
Lead Free Material
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
K=±10%, L=±15%, M=±20%
Tai-Tech
Thickness
Inductance(uH)
Q
Rated Current
DCR
SRF
Part Number
C size(mm)
Tolerance
Test
Frequency (Hz)
min.
Test Frequency
(MHz)
(mA) max.
(Ω) max.
(MHz) min.
FCI2012F-47N□
0.85±0.20
0.047
60mV / 50M
15
50
300
0.20
320
FCI2012F-68N□
0.85±0.20
0.068
60mV / 50M
15
50
300
0.20
280
FCI2012F-82N□
0.85±0.20
0.082
60mV / 50M
15
50
300
0.20
255
FCI2012F-R10□
0.85±0.20
0.10
60mV / 25M
20
25
250
0.30
235
FCI2012F-R12□
0.85±0.20
0.12
60mV / 25M
20
25
250
0.30
220
FCI2012F-R15□
0.85±0.20
0.15
60mV / 25M
20
25
250
0.40
200
FCI2012F-R18□
0.85±0.20
0.18
60mV / 25M
20
25
250
0.40
185
FCI2012F-R22□
0.85±0.20
0.22
60mV / 25M
20
25
250
0.50
170
FCI2012F-R27□
0.85±0.20
0.27
60mV / 25M
20
25
250
0.50
150
FCI2012F-R33□
0.85±0.20
0.33
60mV / 25M
20
25
250
0.55
145
FCI2012F-R39□
0.85±0.20
0.39
60mV / 25M
25
25
200
0.65
135
FCI2012F-R47□
1.25±0.20
0.47
60mV / 25M
25
25
200
0.65
125
FCI2012F-R56□
1.25±0.20
0.56
60mV / 25M
25
25
150
0.75
115
FCI2012F-R68□
1.25±0.20
0.68
60mV / 25M
25
25
150
0.80
105
NOTE: □:TOLERANCE
K=±10%, L=±15%, M=±20%
Chip Size
A
2.00±0.20
B
1.25±0.20
C
0.85±0.20
1.25±0.20
D
0.50±0.30
Units: mm
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. S.M.T. type.
4. Suitable for reflow soldering.
5. Shapes and dimensions follow E.I.A. spec.
6. Available in various sizes.
7. Excellent solder ability and heat resistance.
8. High reliability.
9. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
10. Operating Temperature:-55~+105℃(Including self-temperature rise)
Ferrite Chip Inductor(Lead Free)
FCI2012F-Series
Halogen-free
Halogen


Similar Part No. - FCI2012F-R22K

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FCI2301 FCI-FCI2301 Datasheet
778Kb / 5P
P-Channel High-Density Trench MOSFET
FCI2302 FCI-FCI2302 Datasheet
1Mb / 5P
N-Channel High-Density Trench MOSFET
logo
Fairchild Semiconductor
FCI25N60N FAIRCHILD-FCI25N60N Datasheet
364Kb / 8P
N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
FCI25N60NF102 FAIRCHILD-FCI25N60NF102 Datasheet
364Kb / 8P
N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
More results

Similar Description - FCI2012F-R22K

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MCI21 TAI-TECH-MCI21 Datasheet
79Kb / 3P
Ferrite Chip Inductor(Lead Free)
MCI18 TAI-TECH-MCI18 Datasheet
103Kb / 3P
Ferrite Chip Inductor(Lead Free)
FCI1608 TAI-TECH-FCI1608 Datasheet
65Kb / 3P
Ferrite Chip Inductor(Lead Free)
FCI1005 TAI-TECH-FCI1005 Datasheet
63Kb / 2P
Ferrite Chip Inductor(Lead Free)
CPI201610UF TAI-TECH-CPI201610UF Datasheet
69Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI160809UF TAI-TECH-CPI160809UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MCP2110U TAI-TECH-MCP2110U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809SF TAI-TECH-MPI160809SF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809MF TAI-TECH-MPI160809MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP25210U TAI-TECH-MCP25210U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com