Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCI1608F-R22K Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # FCI1608F-R22K
Description  Ferrite Chip Inductor(Lead Free)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

FCI1608F-R22K Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  FCI1608F-R22K Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. FCI1608F-R22K Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. FCI1608F-R22K Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Thickness
Inductance(uH)
Q
Rated Current
DCR
SRF
Part Number
A size(mm) Tolerance
Test
Frequency
(Hz)
min.
Test
Frequency
(MHz)
(mA) max.
(Ω) max.
(MHz) min.
FCI1608F-1R0□
1.60±0.15
1.0
60mV / 10M
30
10
25
0.60
70
FCI1608F-1R5□
1.60±0.15
1.5
60mV / 10M
30
10
25
0.80
55
FCI1608F-1R8□
1.60±0.15
1.8
60mV / 10M
30
10
25
0.95
50
FCI1608F-2R2□
1.60±0.15
2.2
60mV / 10M
30
10
15
1.15
45
FCI1608F-3R3□
1.60±0.15
3.3
60mV / 10M
30
10
15
1.55
38
FCI1608F-4R7□
1.60±0.15
4.7
60mV / 10M
30
10
15
2.10
33
FCI1608TF-100□
1.80±0.15
10
60mV / 2M
30
2
15
2.55
17
NOTE: □:TOLERANCE
K=±10%,L=±15%,M=±20%
Rated current: based on temperature rise test
In compliance with EIA 595



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com