Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC42I-R10JA Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWC42I-R10JA
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWC42I-R10JA Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWC42I-R10JA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWC42I-R10JA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
4. Application for DC power line.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature -40~+125℃ (Including self - temperature rise)
SWC
42
I
-
47N
K
A
A
B
C
D
E
F
A: Series
B: Dimension
L x W
C: Lead free type
D: Inductance
47N=0.047 uH
E: Inductance Tolerance
S=±0.3nH . J=±5%, K=±10%
F: Control S/N
Size
A
B
C
D
E
SWC42I
1.09±0.1
0.60±0.1
0.56±0.1
0.20±0.15
0.23±0.1
Unit:mm
Winding Type Chip Inductor
SWC42I-SERIES
Halogen-free
Halogen
Part Number
Inductance
(nH)
Tolerance
Q
min.
Test Frequency
(Hz)
Rated Current
(mA) max..
DCR
(Ω) max.
SRF
(GHz) min.
SWC42I-1N0□A
1.0
S.J
16
0.1V/250M
1360
0.045
12.7
SWC42I-1N9□A
1.9
S.J
16
0.1V/250M
1040
0.070
11.30
SWC42I-2N0□A
2.0
S.J
16
0.1V/250M
1040
0.070
11.10
SWC42I-2N2□A
2.2
S.J
19
0.1V/250M
960
0.070
10.80
SWC42I-2N4□A
2.4
S.J
15
0.1V/250M
790
0.068
10.50
SWC42I-2N7□A
2.7
S.J
16
0.1V/250M
640
0.120
10.40
SWC42I-3N3□A
3.3
S.J
19
0.1V/250M
840
0.066
7.00
SWC42I-3N6□A
3.6
S.J
19
0.1V/250M
840
0.066
6.80
SWC42I-3N9□A
3.9
S.J
19
0.1V/250M
840
0.066
6.00
SWC42I-4N3□A
4.3
S.J
18
0.1V/250M
700
0.091
6.00
SWC42I-4N7□A
4.7
S.J
15
0.1V/250M
640
0.130
4.77
SWC42I-5N1□A
5.1
S.J
20
0.1V/250M
800
0.083
4.80
SWC42I-5N6□A
5.6
S.J
20
0.1V/250M
760
0.083
4.80
SWC42I-6N2□A
6.2
J.K
20
0.1V/250M
760
0.083
4.80
SWC42I-6N8□A
6.8
J.K
20
0.1V/250M
680
0.083
4.80
 


Similar Part No. - SWC42I-R10JA

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SWC4242KB120-100 LSTD-SWC4242KB120-100 Datasheet
368Kb / 1P
Compatible with WPC Qi Standard
More results

Similar Description - SWC42I-R10JA

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF3225CF TAI-TECH-SWF3225CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF2520CF TAI-TECH-SWF2520CF Datasheet
134Kb / 2P
Winding Type Chip Inductor
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC32FC TAI-TECH-SWC32FC Datasheet
103Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com