Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA1004S-R56MN-D Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # TMPA1004S-R56MN-D
Description  SMD Power Inducto
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

TMPA1004S-R56MN-D Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  TMPA1004S-R56MN-D Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. TMPA1004S-R56MN-D Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. TMPA1004S-R56MN-D Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. TMPA1004S-R56MN-D Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-TECH
leadframe
non-leadframe
1. Features
2. Applications
3. Dimensions
A
C
D
2R2
1907
A`
A
C
D
1R0
1907
A`
4. Part Numbering
TMPA1004S-Series(N)-D
1. Shielded construction.
2. Capable of corresponding high frequency .
3. Low loss realized with low DCR.
4. High performance (Isat) realized by metal dust core.
5. Ultra low buzz noise, due to composite construction.
6.
100% Lead(Pb)-Free and RoHS compliant.
7. Operating temperature -40~+125℃(Including self - temperature rise)
8.
1. DC/DC converters in distributed power systems.
2. DC/DC converter for Field Programmable Gate Array(FPGA).
3. Battery powered devices.
4. Thin type on-board power supply module for exchanger.
5. VRM for server.
6. High current, low profile POL converters.
7. PDA/notebook/desktop/server and battery powered devices.
SMD Power Inducto
Halogen-free
Halogen
TMPA
1004
S
-
1R0
MN
- D
A
B
C
D
E
F
A: Series
B: Dimension
BxC
C: Type
Standard.
D: Inductance
R10=0.1uh,1R0=1.0uh,100=10uh,101=100uh,102=1000uh.
E: Inductance Tolerance
K=±10%,L=±15%,M=±20%,N=±25%,Y=±30%
F: D/C
Marking: Black.1R0 and 1907(19YY, 07WW,follow production date).
Customer Recommend PC Board
Pattern
Series
A
A`
B
C
D
E
TMPA1004 11.0±0.3 10.0±0.3 10.0±0.3 3.8±0.2 2.0±0.3 See Spec
table
Unit:mm
L
G
L(mm)
G(mm)
H(mm)
12.5
5.4
3.5
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.15mm and above.


Similar Part No. - TMPA1004S-R56MN-D

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
TMPA1003S TAI-TECH-TMPA1003S Datasheet
402Kb / 3P
SMD Power Inductor
TMPA1003S-2R2MN-D TAI-TECH-TMPA1003S-2R2MN-D Datasheet
402Kb / 3P
SMD Power Inductor
TMPA1003S-8R2MN-D TAI-TECH-TMPA1003S-8R2MN-D Datasheet
402Kb / 3P
SMD Power Inductor
TMPA1003S-R22MN-D TAI-TECH-TMPA1003S-R22MN-D Datasheet
402Kb / 3P
SMD Power Inductor
TMPA1003S-R36MN-D TAI-TECH-TMPA1003S-R36MN-D Datasheet
402Kb / 3P
SMD Power Inductor
More results

Similar Description - TMPA1004S-R56MN-D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0403 BOURNS-SDR0403 Datasheet
169Kb / 2P
SMD Power Inductors
SDR0906 BOURNS-SDR0906 Datasheet
177Kb / 2P
SMD Power Inductors
SDR1030 BOURNS-SDR1030 Datasheet
231Kb / 2P
SMD Power Inductors
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Frontier Electronics.
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
SMD Power Choke
logo
Allied Components Inter...
PCS124-3R3M-RC ALLIED-PCS124-3R3M-RC Datasheet
347Kb / 1P
Power Chip Shielded Inducto r s
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCFV49 ALLIED-PCFV49 Datasheet
446Kb / 1P
SMD SEMI SHIELDED POWER INDUCTO
PCS124 ALLIED-PCS124 Datasheet
347Kb / 1P
Power Chip Shielded Inducto r s
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com