Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC5MBV-SW Datasheet(PDF) 1 Page - Neutrik AG

Part # NC5MBV-SW
Description  5 pole male XLR receptacle, switching contacts, grounding
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NC5MBV-SW Datasheet(HTML) 1 Page - Neutrik AG

  NC5MBV-SW Datasheet HTML 1Page - Neutrik AG NC5MBV-SW Datasheet HTML 2Page - Neutrik AG NC5MBV-SW Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NC5MBV-SW
5 pole male XLR receptacle, switching contacts, grounding:
separate ground contact to mating connector shell and front
panel, vertical PCB mount
The switching contacts are activated by the mating connector
offering the possibility to indicate, monitor and control the
mated connection. The switch provides a normal open and
normal closed contact.
Same as A series with exception of a metal mounting flange
featuring continuous circumferential ground contact to chassis
for best EMC practice.
Features & Benefits
Metal mounting flange featuring continuous
circumferential ground contact to chassis for best EMC
and RF protection
•
Fitted with changeover switch
•
Normally open, normally closed (NO - NC) contact
•
Switch activated by inserting the cable connector
•
NC5MBV-SW
1
/3


Similar Part No. - NC5MBV-SW

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC5MBV-B NEUTRIK-NC5MBV-B Datasheet
97Kb / 3P
5 pole male XLR receptacle, grounding
More results

Similar Description - NC5MBV-SW

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC5FAV-SW NEUTRIK-NC5FAV-SW Datasheet
103Kb / 3P
5 pole female XLR receptacle, switching contacts, grounding
NC5MAV-SW NEUTRIK-NC5MAV-SW Datasheet
95Kb / 3P
5 pole male XLR receptacle, switching contacts, grounding
NC5FBV-SW NEUTRIK-NC5FBV-SW Datasheet
109Kb / 3P
5 pole female XLR receptacle, switching contacts, grounding
NC5MBH NEUTRIK-NC5MBH Datasheet
98Kb / 3P
5 pole male XLR receptacle, grounding
NC5MBH-B NEUTRIK-NC5MBH-B Datasheet
96Kb / 3P
5 pole male XLR receptacle, grounding
NC5MBV NEUTRIK-NC5MBV Datasheet
99Kb / 3P
5 pole male XLR receptacle, grounding
NC5MBV-B NEUTRIK-NC5MBV-B Datasheet
97Kb / 3P
5 pole male XLR receptacle, grounding
NC3FBV2-SW NEUTRIK-NC3FBV2-SW Datasheet
104Kb / 3P
3 pole female XLR receptacle, switching contacts, grounding
NC3MBHR NEUTRIK-NC3MBHR Datasheet
105Kb / 3P
3 pole male XLR receptacle, grounding
NC3MBV-SW NEUTRIK-NC3MBV-SW Datasheet
107Kb / 3P
3 pole male XLR receptacle, switching contacts, grounding
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com