Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH156P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH156P
Description  Toshiba TLxH156 Series LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH156P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH156P Datasheet HTML 1Page - Toshiba Semiconductor TLRH156P Datasheet HTML 2Page - Toshiba Semiconductor TLRH156P Datasheet HTML 3Page - Toshiba Semiconductor TLRH156P Datasheet HTML 4Page - Toshiba Semiconductor TLRH156P Datasheet HTML 5Page - Toshiba Semiconductor TLRH156P Datasheet HTML 6Page - Toshiba Semiconductor TLRH156P Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Toshiba TLxH156 Series LEDs
Features
5 mm Package
InGaAlP Technology
All Plastic Mold Type
Fast Response Time, Capable of Pulse Operation
High Power Luminous Intensity
Applications
Outdoor Message Signboard
Safety equipment
Automotive
Series Line−Up
Part Number
Color
Material
TLOH156P
Ultra Bright Orange
InGaAlP
TLRH156P
Ultra Bright Red
InGaAlP
TLRMH156P
Ultra High Efficiency Red
InGaAlP
TLSH156P
Ultra Bright High Efficency Red
InGaAlP
TLYH156P
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLOH156P
50
4
125.00
−30 ~ 85
−40 ~ 120
TLRH156P
50
4
125.00
−30 ~ 85
−40 ~ 120
TLRMH156P
50
4
125.00
−40 ~ 100
−40 ~ 120
TLSH156P
50
4
125.00
−30 ~ 85
−40 ~ 120
TLYH156P
50
4
125.00
−30 ~ 85
−40 ~ 120
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLRH156P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH156P TOSHIBA-TLRH156P Datasheet
144Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
More results

Similar Description - TLRH156P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE27C MARKTECH-TLGE27C Datasheet
405Kb / 8P
Toshiba TLxE27 Series LEDs
TLOE156AP MARKTECH-TLOE156AP Datasheet
294Kb / 2P
Toshiba TLxE156 Series LEDs
TLOE157AP MARKTECH-TLOE157AP Datasheet
281Kb / 2P
Toshiba TLxE157 Series LEDs
TLOE180AP MARKTECH-TLOE180AP Datasheet
286Kb / 2P
Toshiba TLxE180 Series LEDs
TLGE263P MARKTECH-TLGE263P Datasheet
54Kb / 2P
Toshiba TLxE263 Series LEDs
TLOH16TP MARKTECH-TLOH16TP Datasheet
41Kb / 6P
Toshiba TLxH16 Series LEDs
TLOH17TP MARKTECH-TLOH17TP Datasheet
47Kb / 2P
Toshiba TLxH17 Series LEDs
TLOH20TP MARKTECH-TLOH20TP Datasheet
229Kb / 6P
Toshiba TLxH20 Series LEDs
TLOH180P MARKTECH-TLOH180P Datasheet
284Kb / 6P
Toshiba TLxH180 Series LEDs
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
Toshiba TLxH190 Series LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com