Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8227 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV8227
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8227 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV8227 Datasheet HTML 50Page - STMicroelectronics STV8227 Datasheet HTML 51Page - STMicroelectronics STV8227 Datasheet HTML 52Page - STMicroelectronics STV8227 Datasheet HTML 53Page - STMicroelectronics STV8227 Datasheet HTML 54Page - STMicroelectronics STV8227 Datasheet HTML 55Page - STMicroelectronics STV8227 Datasheet HTML 56Page - STMicroelectronics STV8227 Datasheet HTML 57Page - STMicroelectronics STV8227 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 149 page
background image
Register List
STV82x7
54/149
LS_SR_VOLUME_LSB
E3h
0000 0000
0
0
0
0
0
0
LS_SR_VOLUME_LSB[1:0]
LS_MASTER_VOLUME_MSB
E4h
1110 1000
LS_MASTER_VOLUME_MSB[7:0]
LS_MASTER_VOLUME_LSB
E5h
0000 0000
0
0
0
0
0
0
LS_MASTER_VOLUME_
LSB[1:0]
HP_L_VOLUME_MSB
E6h
1001 1000
HP_L_VOLUME_MSB[7:0]
HP_L_VOLUME_LSB
E7h
0000 0000
0
0
0
0
0
0
HP_L_VOLUME_LSB[1:0]
HP_R_VOLUME_MSB
E8h
0000 0000
HP_R_VOLUME_MSB[7:0]
HP_R_VOLUME_LSB
E9h
0000 0000
0
0
0
0
0
0
HP_R_VOLUME_
LSB[1:0]
SCART_L_VOLUME_MSB
EAh
1101 1101
SCART_L_VOLUME_MSB[7:0]
SCART_L_VOLUME_LSB
EBh
0000 0000
0
0
0
0
0
0
SCART_L_VOLUME_
LSB[1:0]
SCART_R_VOLUME_MSB
ECh
1101 1101
SCART_R_VOLUME_MSB[7:0]
SCART_R_VOLUME_LSB
EDh
0000 0000
0
0
0
0
0
0
SCART_R_VOLUME_
LSB[1:0]
Beeper
BEEPER_ON
EEh
0000 0000
0
0
0
0
0
0
0
BEEPER_
ON
BEEPER_MODE
EFh
0000 0011
0
0
0
BEEPER_DURATION[1:0]
BEEPER_
PULSE
BEEPER_PATH[1:0]
BEEPER_FREQ_VOL
F0h
0111 0000
BEEPER_FREQ[2:0]
BEEPER_VOLUME[4:0]
Mute
MUTE_DIGITAL
F1h
1001 1111
AUTOSTD_
MUTE_ON
00
SCART_
D_MUTE
SRND_HP_
D_MUTE
SUB_
D_MUTE
C_
D_MUTE
LS_
D_MUTE
S/PDIF
S/PDIF_OUT_CONFIG
F2h
0000 0100
0
0
0
0
0
SPDIF_OUT_
MUTE
S/PDIF_OUT_SELECT[2:0]
Headphone Configuration
HEADPHONE_CONFIG
F3h
0000 001(0)
0
0
0
0
HP_FORCE
HP_LS_
MUTE
HP_DET_
ACTIVE
HP_
DETECTED
DAC Control
DAC_CONTROL
F4h
0001 1111
0
0
S/PDIF_
MUX
DAC_SCART
_MUTE
DAC_SHP_
MUTE
DAC_CSUB_
MUTE
DAC_LSLR_
MUTE
POWER_
UP
SPDIF_CHANNEL_STATUS
F9h
0000 0000
CHANNEL_STATUS
EMPHASIS
COPYRIGHT
NON_AUDIO
PRO_CON
AutoStandard Coefficients Settings
AUTOSTD_COEFF_CTRL
FBh
0000 0001
0
0
0
0
0
0
AUTOSTD_COEFF_
CTRL[1:0]
AUTOSTD_COEFF_INDEX_MSB
FCh
0000 0000
0
0
0
0
0
0
0
AUTOSTD_
COEFF_
INDEX_MSB
AUTOSTD_COEFF_INDEX_LSB
FDh
0000 0000
AUTOSTD_COEFF_INDEX_LSB[7:0]
AUTOSTD_COEFF_VALUE
FEh
0000 0000
AUTOSTD_COEFF_VALUE[7:0]
Table 9: List of I²C Registers (Sheet 6 of 6)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com