Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1373EKB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1373EKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373EKB Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1373EKB Datasheet HTML 1Page - Allegro MicroSystems A1373EKB Datasheet HTML 2Page - Allegro MicroSystems A1373EKB Datasheet HTML 3Page - Allegro MicroSystems A1373EKB Datasheet HTML 4Page - Allegro MicroSystems A1373EKB Datasheet HTML 5Page - Allegro MicroSystems A1373EKB Datasheet HTML 6Page - Allegro MicroSystems A1373EKB Datasheet HTML 7Page - Allegro MicroSystems A1373EKB Datasheet HTML 8Page - Allegro MicroSystems A1373EKB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max
Units
ELECTRICAL CHARACTERISTICS
over operating temperature range, VCC=5.0 V, unless otherwise noted
Supply Voltage
VCC
Operation within specification,
Tj < 165°C
4.5
5.0
5.5
V
Supply Current
ICC
–
8.2
10
mA
Reverse-Supply Current
IRCC
VCC = –16 V, TA = 25°C
–
–
16
mA
Power-On Time1
tPO
CLOAD = 10 nF, 90% full scale VOUT
–
–
300
μs
Chopping Frequency
fC
–
200
–
kHz
Internal Bandwidth
BW
A1373
Small signal -3 dB
–
2.5
–
kHz
A1374
–
20
–
kHz
OUTPUT CHARACTERISTICS
over operating temperature range, VCC=5.0 V, unless otherwise noted
Noise2,3
VN
A1373 peak-to-peak, CLOAD > 1 nF,
2.5 mV/G
–
6
16
mV
A1374
–
14
26
mV
Output Capacitance Load
CLOAD
VOUT pin to GND pin
–
–
10
nF
Output Resistive Load
RLOAD
4700
–
–
Ω
Phase Shift
ΔΦ
A1373 Magnetic signal freq. = 100 Hz
–
3
–
(°)
A1374 Magnetic signal freq. = 1000 Hz
–
3
–
(°)
Output Voltage
VOUT(Sat)HIGH
IOUTSINK = 1.2 mA,
B(kG) > (VCC–VOUT(Q)) / Sens (mV/G)
4.65
4.7
–
V
VOUT(Sat)LOW
IOUTSOURCE = 1.2 mA,
B(kG) < VOUT(Q) / Sens (mV/G)
–
0.2
0.25
V
Output Resistance
ROUT
–
1.5
–
Ω
MAGNETIC CHARACTERISTICS
Magnetic Slew Rate
SLR
V / ms / Sens
–
20
–
G/μs
PRE-PROGRAMMING TARGET (Prior to coarse and fine trim)
over operating temperature range, VCC=5.0 V, unless
otherwise noted
Pre-Programming Quiescent
Output Voltage
VOUT(Q)PRE
B = 0 G, TA = 25°C
1.62
1.80
1.98
V
Pre-Programming Sensitivity
SensPRE
TA = 25°C
1.05
1.31
1.75
mV/G
Pre-Programming Sensitivity
Temperature Coefficient
TCPRE
TA relative to 25°C
–0.016
0.05
0.104
%/°C
INITIAL COARSE PROGRAMMING
over operating temperature range, VCC=5.0 V, unless otherwise noted
Initial Coarse Quiescent Output
Voltage
VOUT(Q)INITLOW TA = 25°C
–
0.55
–
V
VOUT(Q)INITMID Reference VOUT(Q)PRE
––-
–
V
VOUT(Q)INITHIGH TA = 25°C
–
3.25
–
V
Initial Coarse Sensitivity
SensINITLOW
Reference SensPRE
–
–
–
mV/G
SensINITMID
TA = 25°C
–
2.8
–
mV/G
SensINITHIGH
TA = 25°C
–
5.5
–
mV/G
CHARACTERISTIC PARAMETERS
Continued on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com