Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZV2M1206151HT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # ZV2M1206151HT
Description  Low Voltage, High Temperature Varistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ZV2M1206151HT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ZV2M1206151HT Datasheet HTML 1Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 2Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 3Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 4Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 5Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 6Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 7Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 8Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
3312 - 2 mm SMD Trimming Potentiometer
ZVHT SMD Series - Low Voltage, High Temperature Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Applications
n
Suppression of inductive switching or other transient events such as surge voltage at the circuit board level
n
ESD protection to IEC 1000-4-2, MIL-STD 883C Method 3015.7 and other industry specifications
n
Replaces larger surface mount TVS Zener Diodes in many applications
n
Electromagnetic compliance of end products
n
On-board transient voltage protection of ICs and transistors
Device Ratings
Model
Vrms
Vdc
Vn
@ 1 mA
Vc
Ic
8/20 µs
Wmax
10/1000 µs
P
max.
Imax
8/20 µs
Ctyp
@ 1 kHz
Ityp
100 mA/ns
V
V
V
V
A
J
W
A
pF
nF
ZV 2 M 0603 300 HT
2
3
4
10
1
0.1
0.003
30
360
1.0
ZV 2 M 0805 101 HT
2
3
4
10
1
0.1
0.005
100
930
1.5
ZV 2 M 1206 151 HT
2
3
4
10
1
0.2
0.008
150
4000
1.8
ZV 4 M 0603 300 HT
4
5.5
8
14
1
0.1
0.003
30
295
1.0
ZV 4 M 0805 101 HT
4
5.5
8
14
1
0.1
0.005
100
695
1.5
ZV 4 M 1206 151 HT
4
5.5
8
14
1
0.3
0.008
150
3300
1.8
ZV 4 M 1210 251 HT
4
5.5
8
14
3
0.4
0.010
250
5000
1.8
ZV 4 M 1812 501 HT
4
5.5
8
14
5
0.8
0.015
500
10000
2.5
ZV 4 M 2220 102 HT
4
5.5
8
14
10
1.5
0.020
1000
19500
3.0
ZV 6 M 0603 300 HT
6
8
11
21
1
0.1
0.003
30
260
1.0
ZV 6 M 0805 101 HT
6
8
11
21
1
0.2
0.005
100
560
1.5
ZV 6 M 1206 151 HT
6
8
11
21
1
0.5
0.008
150
2600
1.8
ZV 6 M 1210 301 HT
6
8
11
21
3
0.8
0.010
300
4100
1.8
ZV 6 M 1812 501 HT
6
8
11
21
5
1.0
0.015
500
7500
2.5
ZV 6 M 2220 122 HT
6
8
11
21
10
3.8
0.020
1200
17000
3.0
ZV 8 L 0603 300 HT
8
11
15
25
1
0.1
0.003
30
240
1.0
ZV 8 L 0805 121 HT
8
11
15
25
1
0.2
0.005
120
475
1.5
ZV 8 L 1206 201 HT
8
11
15
25
1
0.6
0.008
200
2000
1.8
ZV 8 L 1210 401 HT
8
11
15
25
3
1.1
0.010
400
3400
1.8
ZV 8 L 1812 501 HT
8
11
15
25
5
1.9
0.015
500
6300
2.5
ZV 8 L 2220 122 HT
8
11
15
25
10
4.3
0.020
1200
15000
3.0
ZV 11 K 0603 300 HT
11
14
18
33
1
0.2
0.003
30
210
1.0
ZV 11 K 0805 121 HT
11
14
18
33
1
0.3
0.005
120
400
1.5
ZV 11 K 1206 201 HT
11
14
18
33
1
0.6
0.008
200
1300
1.8
ZV 11 K 1210 401 HT
11
14
18
33
3
1.3
0.010
400
2600
1.8
ZV 11 K 1812 801 HT
11
14
18
33
5
2.0
0.015
800
5100
2.5
ZV 11 K 2220 122 HT
11
14
18
33
10
5.5
0.020
1200
12000
3.0
ZV 14 K 0603 300 HT
14
18
22
38
1
0.3
0.003
30
195
1.0
ZV 14 K 0805 121 HT
14
18
22
38
1
0.4
0.005
120
355
1.5
ZV 14 K 1206 201 HT
14
18
22
38
1
0.6
0.008
200
950
1.8
ZV 14 K 1210 401 HT
14
18
22
38
3
1.6
0.010
400
2000
1.8
ZV 14 K 1812 801 HT
14
18
22
38
5
2.4
0.015
800
4200
2.5
ZV 14 K 2220 122 HT
14
18
22
38
10
6.0
0.020
1200
9400
3.0
ZV 17 K 0603 300 HT
17
22
27
44
1
0.3
0.003
30
185
1.0
ZV 17 K 0805 121 HT
17
22
27
44
1
0.4
0.005
120
315
1.5
ZV 17 K 1206 201 HT
17
22
27
44
1
0.7
0.008
200
740
1.8
ZV 17 K 1210 401 HT
17
22
27
44
3
1.8
0.010
400
1700
1.8
ZV 17 K 1812 801 HT
17
22
27
44
5
2.8
0.015
800
3500
2.5
ZV 17 K 2220 122 HT
17
22
27
44
10
7.5
0.020
1200
7700
3.0
ZV 20 K 0603 300 HT
20
26
33
54
1
0.3
0.003
30
175
1.0
ZV 20 K 0805 121 HT
20
26
33
54
1
0.4
0.005
120
290
1.5
ZV 20 K 1206 201 HT
20
26
33
54
1
0.8
0.008
200
620
1.8
ZV 20 K 1210 401 HT
20
26
33
54
3
2.0
0.010
400
1400
1.8
ZV 20 K 1812 801 HT
20
26
33
54
5
3.0
0.015
800
3000
2.5
ZV 20 K 2220 122 HT
20
26
33
54
10
8.0
0.020
1200
6500
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com