Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STV82X7
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STV82X7 Datasheet HTML 51Page - STMicroelectronics STV82X7 Datasheet HTML 52Page - STMicroelectronics STV82X7 Datasheet HTML 53Page - STMicroelectronics STV82X7 Datasheet HTML 54Page - STMicroelectronics STV82X7 Datasheet HTML 55Page - STMicroelectronics STV82X7 Datasheet HTML 56Page - STMicroelectronics STV82X7 Datasheet HTML 57Page - STMicroelectronics STV82X7 Datasheet HTML 58Page - STMicroelectronics STV82X7 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 149 page
background image
55/149
STV82x7
Register List
12.2
STV82x7 General Control Registers
CUT_ID
Version Identification
RESET
Software Reset Register
Description
The built-in Automatic Standard Recognition System (Autostandard) can be disabled. In this case,
the Software Reset function (bits SOFT_LRST1 and SOFT_LRST2) can be used to implement the
Automatic Standard Recognition by I²C Software. This is not required if the built-in Automatic
Standard Recognition System function is used (default).
Address: 00h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
CUT_NUMBER[5:0]
Bit Name
Reset
Function
Bits[7:6]
00
Reserved
CUT_NUMBER[5:0]
000001 Dice Version Identification
Address: 01h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BUS_EXP
I²S_OUTPUT
0
EN_STBY
0
SOFT_LRST2 SOFT_LRST1
SOFT_RST
Bit Name
Reset
Function
BUS_EXP
0
Static control by I2C of hardware pin BUS_EXP
I²S_OUTPUT
0
0 = I²S Input (I²S output will be provided on I2S_DATA0 pin)
1 = I²S Output (512 x fs will be provided on I2S_PCM_CLK pin)
Bit[5]
0
Reserved.
EN_STBY
0
Standby mode enabling
0: Normal mode
1: To lock the digital signals before to settle the device in standby mode
Bit 3
0
Reserved.
SOFT_LRST2
0
Softreset (active high) of Channel 2 detectors only.
SOFT_LRST1
0
Softreset (active high) of Channel 1 detectors only.
SOFTR_RST
0
General softreset (active high) to reset all hardware registers except for I²C data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com