Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3064 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3064
Description  HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3064 Datasheet(HTML) 8 Page - Allegro MicroSystems

  A3064 Datasheet HTML 1Page - Allegro MicroSystems A3064 Datasheet HTML 2Page - Allegro MicroSystems A3064 Datasheet HTML 3Page - Allegro MicroSystems A3064 Datasheet HTML 4Page - Allegro MicroSystems A3064 Datasheet HTML 5Page - Allegro MicroSystems A3064 Datasheet HTML 6Page - Allegro MicroSystems A3064 Datasheet HTML 7Page - Allegro MicroSystems A3064 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3064
HALL-EFFECT
GEAR-TOOTH SENSOR
—AC COUPLED
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
NOTES:
1.
Tolerances on package height and width represent allowable mold offsets.
Dimensions given are measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor s option within limits shown.
3.
Height does not include mold gate flash.
4.
Recommended minimum PWB hole diameter to clear transition area is 0.035 (0.89 mm).
5.
Where no tolerance is specified, dimension is nominal.
6.
Supplied in bulk pack (500 pieces per bag).
Surface-Mount Lead Form (order A3064LKA-TL)
2.41
±0.13
0.51
MIN
FLAT
Dwg. MH-015 mm
0.10
MAX
0.051
MAX
0
°–8°
0.095
±0.005
0.020
MIN
FLAT
Dwg. MH-015 in
0.004
MAX
0.002
MAX
0
°–8°
Dwg. MH-010H in
0.018
0.0173
0.0138
0.0189
0.0142
0.050
BSC
13
4
5
2
0.063
0.059
45
°
0.600
0.560
0.083
MAX
0.252
0.247
0.181
0.176
SEE NOTE
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
Dwg. MH-010H mm
0.46
0.44
0.35
0.48
0.36
1.27
BSC
13
4
5
2
1.60
1.50
45
°
15.24
14.23
2.11
MAX
6.40
6.27
4.60
4.47
SEE NOTE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com