Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979SLP Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3979SLP
Description  Microstepping DMOS Driver with Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979SLP Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3979SLP Datasheet HTML 1Page - Allegro MicroSystems A3979SLP Datasheet HTML 2Page - Allegro MicroSystems A3979SLP Datasheet HTML 3Page - Allegro MicroSystems A3979SLP Datasheet HTML 4Page - Allegro MicroSystems A3979SLP Datasheet HTML 5Page - Allegro MicroSystems A3979SLP Datasheet HTML 6Page - Allegro MicroSystems A3979SLP Datasheet HTML 7Page - Allegro MicroSystems A3979SLP Datasheet HTML 8Page - Allegro MicroSystems A3979SLP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DMOS Microstepping Driver with Translator
A3979
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
The A3979 is supplied in a low-profile (maximum height
≤ 1.20 mm), 28-pin TSSOP with exposed thermal pad. The
package is available in a lead (Pb) free version, with 100%
matte tin leadframe plating.
Selection Guide
Part Number
Pb-free*
Packing
A3979SLP-T
Yes
50 pieces per tube
A3979SLPTR-T
Yes
4000 pieces per reel
*Pb-based variants are being phased out of the product line. The variants cited in
this footnote are in production but have been determined to be LAST TIME BUY. This
classification indicates that sale of this device is currently restricted to existing cus-
tomer applications. The variants should not be purchased for new design applications
because obsolescence in the near future is probable. Samples are no longer available.
Status change: October 31, 2006. Deadline for receipt of LAST TIME BUY orders: April
27, 2007.These variants include: A3979SLP and A3979SLPTR.
Description (continued)
Absolute Maximum Ratings
Load Supply Voltage
VBB
35
V
Output Current
IOUT
Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any set of
conditions, do not exceed the specified current rating or a
junction temperature of 150°C.
±2.5
A
Logic Supply Voltage
VDD
7.0
V
Logic Input Voltage Range
VIN
tW > 30 ns
–0.3 to VDD+ 0.3
V
tW < 30 ns
–1 to VDD+ 1
V
Sense Voltage
VSENSE
0.5
V
Reference Voltage
VREF
VDD
V
Package Power Dissipation
PD
See page 5
Operating Ambient Temperature
TA
Range S
–20 to 85
°C
Junction Temperature
TJ(max)
150
°C
Storage Temperature
Tstg
–55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com