Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPC1004H-R24MG-D Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # TMPC1004H-R24MG-D
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

TMPC1004H-R24MG-D Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  TMPC1004H-R24MG-D Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC1004H-R24MG-D Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC1004H-R24MG-D Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC1004H-R24MG-D Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC1004H-R24MG-D Datasheet HTML 5Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-TECH
P2
1. Features
2. Applications
3. Dimensions
A
C
 100
1926
D
A
B
C
E
D
R45
1926
4. Part Numbering
TMPC1004H-Series(G)-D
SMD Power Inductor
1. Carbonyl Powder.
2. Compact design.
3. High current,low DCR,high efficiency.
4. Very low acoustic noise and very low leakage flux noise.
5. High reliability.
6. 100% Lead(Pb)-Free and RoHS compliant.
7. Operating temperature -40~+125℃(Including self - temperature rise)
Note PC power system,incl. IMVP-6
DC/DC converter .
TMPC
1004
H
-
100
MG
-
D
A
B
C
D
E
F
A: Series
B: Dimension
BxC
C: Type
Carbonyl Powder.
D: Inductance
100=10.0uH
E: Inductance Tolerance
M=±20%,Y=±30%.
F: Code
Marking: Black.100 and 1926(19 YY,26 WW,follow production date).
Recommend PC Board Pattern
L
G
L(mm)
G(mm)
H(mm)
13.6
5.4
3.5
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.15mm and above.
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
TMPC1004H
11.0±0.5
10.0±0.3
3.8±0.2
2.3±0.3
3.0±0.3
Halogen-free
Halogen
leadframe
non-leadframe


Similar Part No. - TMPC1004H-R24MG-D

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
TMPC100-3H3R3MG-D TAI-TECH-TMPC100-3H3R3MG-D Datasheet
352Kb / 4P
SMD Power Inductor
TMPC1002H TAI-TECH-TMPC1002H Datasheet
298Kb / 2P
SMD Power Inductor
TMPC1002H-1R0MG-D TAI-TECH-TMPC1002H-1R0MG-D Datasheet
298Kb / 2P
SMD Power Inductor
TMPC1002H-1R5MG-D TAI-TECH-TMPC1002H-1R5MG-D Datasheet
298Kb / 2P
SMD Power Inductor
TMPC1002H-2R2MG-D TAI-TECH-TMPC1002H-2R2MG-D Datasheet
298Kb / 2P
SMD Power Inductor
More results

Similar Description - TMPC1004H-R24MG-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com