Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMHC1205SP-R22MN-D Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # TMHC1205SP-R22MN-D
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

TMHC1205SP-R22MN-D Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  TMHC1205SP-R22MN-D Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. TMHC1205SP-R22MN-D Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. TMHC1205SP-R22MN-D Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
leadframe
non-leadframe
1. Features
2. Applications
3. Dimensions
C
D
100
1536
A`
A
A
C
D
R22
1536
A`
4. Part Numbering
TMHC1205SP-Series(N)-D
1. Shielded construction.
2. Capable of corresponding high frequency .
3. Low loss realized with low DCR.
4. High performance (Isat) realized by metal dust core.
5. Ultra low buzz noise, due to composite construction.
6.
100% Lead(Pb)-Free and RoHS compliant.
7. Operating temperature -40~+125℃(Including self - temperature rise)
8.
1. DC/DC converters in distributed power systems.
2. DC/DC converter for Field Programmable Gate Array(FPGA).
3. Battery powered devices.
4. Thin type on-board power supply module for exchanger.
5. VRM for server.
6. High current, low profile POL converters.
7. PDA/notebook/desktop/server and battery powered devices.
TMHC
1205
SP
-
100
MN
- D
A
B
C
D
E
F
A: Series
B: Dimension
BxC.
C: Type
Standard.
D: Inductance
R10=0.1uh,1R0=1.0uh,100=10uh,101=100uh,102=1000uh.
E: Inductance Tolerance
K=±10%,L=±15%,M=±20%,N=±25%,Y=±30%
F: Code
Marking: Black.100and 1916H (19:YY, 16:WW, follow production date, H:P/N).
SMD Power Inductor
Recommend PC Board Pattern
L
G
L(mm)
G(mm)
H(mm)
14.5
8.0
5.0
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.15mm and above.
Series
A
A`
B
C
D
E
TMHC1205 13.5±0.5 12.6±0.3 12.6±0.2 4.7±0.3 2.3±0.3 See Spec
table
Unit:mm
Halogen-free
Halogen
100
1916H
R47
1916H


Similar Part No. - TMHC1205SP-R22MN-D

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
TMHC1004S TAI-TECH-TMHC1004S Datasheet
992Kb / 4P
SMD Power Inductor
TMHC1004S-100MN-D TAI-TECH-TMHC1004S-100MN-D Datasheet
992Kb / 4P
SMD Power Inductor
TMHC1004S-150MN-D TAI-TECH-TMHC1004S-150MN-D Datasheet
992Kb / 4P
SMD Power Inductor
TMHC1004S-1R0MN-D TAI-TECH-TMHC1004S-1R0MN-D Datasheet
992Kb / 4P
SMD Power Inductor
TMHC1004S-1R5MN-D TAI-TECH-TMHC1004S-1R5MN-D Datasheet
992Kb / 4P
SMD Power Inductor
More results

Similar Description - TMHC1205SP-R22MN-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com