Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWP252012UF-R24Y Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AWP252012UF-R24Y
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AWP252012UF-R24Y Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AWP252012UF-R24Y Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AWP252012UF-R24Y Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Power Inductor
AWP252012UF-Series
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating Temperature:-40~+125℃(Including self-temperature rise)
AWP 252012
UF
-
1R0
M
A
B
C
D
E
A: Series
B: Dimension
C: Material
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
M=±20%
TAI-TECH
Part Number
Inductance
(uH)
Test
Frequency
(Hz)
DCR (Ω)
I sat (A)
I rms (A)
max.
typ.
max.
typ.
max.
typ.
AWP252012UF-R24Y
0.24±30%
1V/1M
0.021
0.016
7.5
9.0
5.0
5.4
AWP252012UF-R33M
0.33±20%
1V/1M
0.024
0.020
6.6
7.1
4.4
4.8
AWP252012UF-R47M
0.47±20%
1V/1M
0.029
0.024
5.5
6.0
4.1
4.5
AWP252012UF-R68M
0.68±20%
1V/1M
0.036
0.027
5.1
5.4
3.5
4.0
AWP252012UF-1R0M
1.00±20%
1V/1M
0.046
0.038
4.1
4.6
3.1
3.5
AWP252012UF-1R5M
1.50±20%
1V/1M
0.067
0.056
3.0
3.5
2.6
3.0
AWP252012UF-2R2M
2.20±20%
1V/1M
0.091
0.076
2.8
3.1
2.2
2.5
Note:
Isat:Based on inductance change (△L/L0:≦-30%)@ ambient temp. 25℃
Irms:Based on temperature rise (△T:40℃.)Max
Size
A(mm)
B(mm)
C(mm)
D(mm)
252012
2.5±0.2
2.0±0.2
1.2 max.
0.5±0.3
Halogen-free
Halogen


Similar Part No. - AWP252012UF-R24Y

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AWP252012AF TAI-TECH-AWP252012AF Datasheet
59Kb / 2P
Power Inductors
AWP252012AF-1R0M TAI-TECH-AWP252012AF-1R0M Datasheet
59Kb / 2P
Power Inductors
AWP252012AF-2R2M TAI-TECH-AWP252012AF-2R2M Datasheet
59Kb / 2P
Power Inductors
AWP252012AF-3R3M TAI-TECH-AWP252012AF-3R3M Datasheet
59Kb / 2P
Power Inductors
AWP252012AF-4R7M TAI-TECH-AWP252012AF-4R7M Datasheet
59Kb / 2P
Power Inductors
More results

Similar Description - AWP252012UF-R24Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com