Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWP252012AF-R68M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AWP252012AF-R68M
Description  Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AWP252012AF-R68M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AWP252012AF-R68M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AWP252012AF-R68M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
AWP 252012
AF
-
R47
M
A
B
C
D
E
A: Series
B: Dimension
C: Material
D: Inductance
R47=0.47uH
E: Inductance Tolerance
M=±20%
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Power Inductors
AWP252012AF-Series
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating Temperature:-40~+105℃(Including self-temperature rise)
Size
A(mm)
B(mm)
C(mm)
D(mm)
252012
2.5±0.2
2.0±0.2
1.2 max.
0.5±0.3
TAI-TECH
Part Number
Inductance
(uH)
Test
Frequency
(Hz)
DCR (Ω)
I sat (A)
I rms (A)
max.
typ.
max.
typ.
max.
typ.
AWP252012AF-R47M
0.47±20%
1V/1M
0.039
0.029
4.00
4.50
3.50
3.80
AWP252012AF-R68M
0.68±20%
1V/1M
0.056
0.046
3.10
3.50
3.00
3.30
AWP252012AF-1R0M
1.00±20%
1V/1M
0.065
0.054
2.70
3.00
2.70
2.90
AWP252012AF-2R2M
2.20±20%
1V/1M
0.125
0.104
2.20
2.50
2.00
2.20
AWP252012AF-3R3M
3.30±20%
1V/1M
0.167
0.139
1.70
1.90
1.70
1.90
AWP252012AF-4R7M
4.70±20%
1V/1M
0.260
0.198
1.40
1.60
1.40
1.60
Note:
Isat:Based on inductance change (△L/L0:≦-30%)@ ambient temp. 25℃
Irms:Based on temperature rise (△T:40℃.)Max
Halogen-free
Halogen


Similar Part No. - AWP252012AF-R68M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AWP252012UF TAI-TECH-AWP252012UF Datasheet
85Kb / 2P
Power Inductor
AWP252012UF-1R0M TAI-TECH-AWP252012UF-1R0M Datasheet
85Kb / 2P
Power Inductor
AWP252012UF-1R5M TAI-TECH-AWP252012UF-1R5M Datasheet
85Kb / 2P
Power Inductor
AWP252012UF-2R2M TAI-TECH-AWP252012UF-2R2M Datasheet
85Kb / 2P
Power Inductor
AWP252012UF-R24Y TAI-TECH-AWP252012UF-R24Y Datasheet
85Kb / 2P
Power Inductor
More results

Similar Description - AWP252012AF-R68M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com