Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPF0502A-R33MN-D Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # TMPF0502A-R33MN-D
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

TMPF0502A-R33MN-D Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  TMPF0502A-R33MN-D Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. TMPF0502A-R33MN-D Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. TMPF0502A-R33MN-D Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
P2
H
1. Features
2. Applications
3. Dimensions
B
C
E
F
A
 
1R0
1918
D
4. Part Numbering
TMPF0502A-Series(N)-D
1. Soft saturation.
2. High current,low DCR,high efficiency.
3. Very low acoustic noise and very low leakage flux noise.
4. High reliability.
5.
100% Lead(Pb)-Free and RoHS compliant.
6. Operating temperature -40~+125℃(Including self - temperature rise)
Note PC power system,incl. IMVP-6
DC/DC converter .
SMD Power Inductor
Recommend PC Board Pattern
Halogen-free
Halogen
TMPF
0502
A
-
1R0
MN
- D
A
B
C
D
E
F
A: Series
B: Dimension
BxC
C: Type
Material.
D: Inductance
1R0=1.00uH
E: Inductance Tolerance
M=±20%
F: Code
Marking: Black.1R0 and 1918(19 YY, 18 WW,follow production date).
DCR Test
Series
A
(mm)
B
(mm)
C
(mm)
D
(mm)
E
(mm)
F
(mm)
TMPF0502A
5.5±0.2
5.3±0.2
1.9±0.2
4.3±0.3
1.1±0.2 2.3±0.25
L(mm)
G(mm)
H(mm)
4.5 ref
2.0 ref
4.7 ref
Note: 1、The above PCB layout reference only.
2、Recommend solder paste thickness at
0.12mm and above.


Similar Part No. - TMPF0502A-R33MN-D

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
TMPF0503A TAI-TECH-TMPF0503A Datasheet
682Kb / 3P
SMD Power Inductor
TMPF0503A-1R0MN-D TAI-TECH-TMPF0503A-1R0MN-D Datasheet
682Kb / 3P
SMD Power Inductor
TMPF0503A-1R2MN-D TAI-TECH-TMPF0503A-1R2MN-D Datasheet
682Kb / 3P
SMD Power Inductor
TMPF0503A-1R5MN-D TAI-TECH-TMPF0503A-1R5MN-D Datasheet
682Kb / 3P
SMD Power Inductor
TMPF0503A-1R8MN-D TAI-TECH-TMPF0503A-1R8MN-D Datasheet
682Kb / 3P
SMD Power Inductor
More results

Similar Description - TMPF0502A-R33MN-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com