Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6036 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC6036
Description  Silicon NPN epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC6036 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC6036 Datasheet HTML 1Page - Panasonic Semiconductor 2SC6036 Datasheet HTML 2Page - Panasonic Semiconductor 2SC6036 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC6036
2
SJC00324AED
PC  Ta
IC  VCE
IC  VBE
VCE(sat)  IC
hFE  IC
Cob  VCB
0
20 40
60 80 100 120 140
0
20
40
60
80
100
120
2SC6036_ PC-Ta
Ambient temperature Ta (°C)
0
1
2
3
4
5
6
0
20
40
60
80
100
120
2SC6036_ IC-VCE
Collector-emitter voltage VCE (V)
140
µA
120
µA
100
µA
80
µA
60
µA
40
µA
20
µA
IB = 160 µA
Ta = 25°C
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
10
20
30
40
50
60
100
70
80
90
2SC6036_ IC-VBE
Base-emitter voltage VBE (V)
VCE = 2 V
Ta = 85°C
25°C
−
25°C
1
10
100
1 000
0.01
0.1
1
2SC6036_ VCE(sat)-IC
Collector current IC (mA)
IC / IB = 20
Ta = 85°C
25°C
−
25°C
1
10
100
1 000
0
100
200
300
400
500
700
600
2SC6036_ hFE-IC
Collector current IC (mA)
VCE = 2V
Ta = 85°C
25°C
−
25°C
0
5 10 15 20 25 30 35 40
1
10
2SC6036_ Cob-VCB
Collector-base voltage VCB (V)
f = 1 MHz
Ta = 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com