Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPC8040HP Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # TMPC8040HP
Description  SMD Power Choke Coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

TMPC8040HP Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  TMPC8040HP Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC8040HP Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC8040HP Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
P2
1. Features
2. Applications
3. Dimensions
A
C
D
R22
1908
A'
4. Part Numbering
TMPC8040HP- Series(G)-D
1. Carbonyl Powder.
2. Compact design.
3. High current,low DCR,high efficiency.
4. Very low acoustic noise and very low leakage flux noise.
5. High reliability.
6. 100% Lead(Pb)-Free and RoHS compliant.
7. Operating temperature -40~+125℃(Including self - temperature rise)
Note PC power system,incl. IMVP-6
DC/DC converter .
TMPC
8040
HP
-
R22
MG
- D
A
B
C
D
E
F
A: Series
B: Dimension
BxC
C: Type
HP:H:Carbonyl Powder,P:PAD broaden.
D: Inductance
R22=0.22uH
E: Inductance Tolerance
M=±20%
F: Code
Marking: Black.R22 and 1908(19 YY, 08 WW,follow production date).
SMD Power Choke Coil
Recommend PC Board Pattern
L
G
Series
A(mm)
A’(mm)
B(mm)
C(mm)
D(mm)
E(mm)
TMPC8040HP 8.8±0.4
8.1±0.2
8.4±0.3
3.8±0.2 1.6±0.3 5.0±0.3
L(mm)
G(mm)
H(mm)
9.6
4.5
5.5
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.15mm and above.
Halogen-free
Halogen


Similar Part No. - TMPC8040HP

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-180-1U TRUMPOWER-TMPC-180-1U Datasheet
67Kb / 1P
180W PC Power Supply for 1U Application
TMPC-220-1U TRUMPOWER-TMPC-220-1U Datasheet
481Kb / 2P
1U 220W Medical Grade ATX PC Power Supply
TMPC-250-1U TRUMPOWER-TMPC-250-1U Datasheet
336Kb / 2P
1U 250W Medical Grade ATX PC Power Supply
TMPC-300 TRUMPOWER-TMPC-300 Datasheet
35Kb / 1P
300W ATX PC Power Supply
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
More results

Similar Description - TMPC8040HP

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
logo
Superworld Electronics
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
SMD Power Choke Coil
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
SMD Power Choke Coil
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
SMD Power Choke Coil
PIC0412HPR10YF SUPERWORLD-PIC0412HPR10YF Datasheet
527Kb / 8P
SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
SMD Power Choke Coil
PIC1205HPR20MF SUPERWORLD-PIC1205HPR20MF Datasheet
668Kb / 10P
SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
SMD Power Choke Coil
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
SMD Power Choke Coil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com