Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 15Page - NXP Semiconductors SC16C752 Datasheet HTML 16Page - NXP Semiconductors SC16C752 Datasheet HTML 17Page - NXP Semiconductors SC16C752 Datasheet HTML 18Page - NXP Semiconductors SC16C752 Datasheet HTML 19Page - NXP Semiconductors SC16C752 Datasheet HTML 20Page - NXP Semiconductors SC16C752 Datasheet HTML 21Page - NXP Semiconductors SC16C752 Datasheet HTML 22Page - NXP Semiconductors SC16C752 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
19 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Table 10 lists and describes the SC16C752 internal registers.
[1]
These registers are accessible only when LCR[7] = 0.
[2]
The shaded bits in the above table can only be modified if register bit EFR[4] is enabled, i.e., if enhanced functions are enabled.
Table 10:
SC16C752 internal registers
Shaded bits are only accessible when EFR[4] is set.
A2 A1 A0 Register Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read/
Write
General Register Set[1]
0
0
0
RHR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0
0
0
THR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
W
001IER
0/CTS
interrupt
enable[2]
0/RTS
interrupt
enable[2]
0/Xoff[2]
0/X sleep
mode[2]
modem
status
interrupt
receive
line status
interrupt
THR
empty
interrupt
Rx data
available
interrupt
R/W
0
1
0
FCR
RX
trigger
level
(MSB)
RX trigger
level (LSB)
0/TX
trigger
level
(MSB)[2]
0/TX
trigger
level
(LSB)[2]
DMA
mode
select
TX FIFO
reset
RX FIFO
reset
FIFO
enable
W
0
1
0
IIR
FCR[0]
FCR[0]
0/CTS,
RTS
0/Xoff
interrupt
priority
bit 2
interrupt
priority
bit 1
interrupt
priority
bit 0
interrupt
status
R
0
1
1
LCR
DLAB
break
control bit
set parity parity
type
select
parity
enable
number of
stop bits
word
length
bit 1
word
length
bit 0
R/W
100MCR
1
× or
1
×/4
clock
TCR and
TLR
enable
0/Xon
Any
0/enable
loop-back
IRQ
enable
OP
FIFO
ready
enable
RTS
DTR
R/W
1
0
1
LSR
0/error in
RX FIFO
THR and
TSR
empty
THR
empty
break
interrupt
framing
error
parity
error
overrun
error
data in
receiver
R
1
1
0
MSR
CD
RI
DSR
CTS
∆CD
∆RI
∆DSR
∆CTS
R
1
1
1
SPR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
0
TCR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
1
TLR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
1
FIFO
Rdy
0
0
RX FIFO
B status
RX FIFO
A status
0
0
TX FIFO B
status
TX FIFO
A status
R
Special Register Set[3]
0
0
0
DLL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0
0
1
DLH
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
R/W
Enhanced Register Set[4]
0
1
0
EFR
Auto
CTS
Auto RTS
Special
character
detect
Enable
enhanced
functions
[2]
software
flow
control
bit 3
software
flow
control
bit 2
software
flow
control
bit 1
software
flow
control
bit 0
R/W
1
0
0
Xon1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
0
1
Xon2
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
0
Xoff1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
1
Xoff2
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com