Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3500LA Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P3500LA
Description  Thyristor Surge Suppressors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P3500LA Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P3500LA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P3500LA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Thyristor Surge Suppressors
P0060~P3500LA_B_C Series
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
HighTemp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
BiasedTemp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
HighTemp Storage
JEDEC, JESD22-A-101
LowTemp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
CookerTest)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Part Marking
Part Numbering
CONSTRUCTION
VARIABLE
REEL PACK
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
x L RP
MEDIAN VOLTAGE
PACKAGE TYPE
xxx0 G
Part Marking Code
(Refer to Electrical CharacteristicsTable)
Dimensions — DO-15
L
L
G
D
B
Dimension
Inches
Millimeters
MINMAX
MIN
MAX
B
0.028
0.034
0.711
0.864
D
0.12
0.14
3.048
3.556
G
0.235
0.27
5.969
6.858
L4
.
5
2
1
Packing Options
Package
Type
Description
Quantity
Added
Industry
Standard
G
DO-15 Axial
Tape & Reel
2000
RP
EIA-RS-
296-D
Spacing
off center,
either side
0.039 (1.0)
B
C
A
D
E
recess depth max 0.75”
2.55
(64.8)
TYP
3.15
(80.0)
TYP
Dimensions
are in inches
(and millimeters).
Direction of Feed
G
Symbols
DescriptionInches
MM
A
Component Spacing
(lead to lead)
5.08 ± 0.508
B
Inner Tape Pitch
52.37 ± 1.498
CTape Width
6.35
D
Max. Off Alignment
1.219
EReel Dimension
330.2
F
Max. Hub Recess
76.19
G
Max. Abor Hole
17.27
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com