Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM-40BLE Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LCM-40BLE
Description  40W Multiple-Stage Constant Current Mode LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LCM-40BLE Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LCM-40BLE Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LCM-40BLE Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LCM-40BLE Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LCM-40BLE Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LCM-40BLE Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LCM-40BLE Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LCM-40BLE Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LCM-40BLE Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
40W Multiple-Stage Constant Current Mode LED Driver
SPECIFICATION
MODEL
LCM-40BLE-
DC VOLTAGE RANGE
RATED POWER
OUTPUT
SETUP TIME
Note.3
VOLTAGE RANGE
Note.2
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
Note.4
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
42W
110V
65V
500ms / 230VAC
180 ~ 295VAC
254 ~ 417VDC
47 ~ 63Hz
90%
20 ~ 90% RH non-condensing
-40 ~ +80℃, 10 ~ 95% RH
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
℃






℃℃
OPEN CIRCUIT VOLTAGE (max.)
ENVIRONMENT
SAFETY &
FUNCTION
EMC
PROTECTION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:>100M Ohms / 500VDC / 25℃/ 70% RH
CURRENT LEVEL
350mA
600mA
500mA
700mA(default)
900mA
1050mA
CURRENT TOLERANCE
SHORT CIRCUIT
OVER VOLTAGE
OVER TEMPERATURE
TEMP. COMPENSATION
SYNCHRONIZATION
Constant current limiting, recovers automatically after fault condition is removed
Shutdown o/p voltage,re-power on to recover
Please refer to "SYNCHRONIZATION OPERATION” section
DIMMING
Please refer to "DIMMING OPERATION" section
Shutdown o/p voltage, re-power on to recover
110 ~ 130V
By external NTC, please refer to “TEMPERATURE COMPENSATION OPERATION”section
TOTAL HARMONIC DISTORTION
<0.5mA / 240VAC
PF≧0.975/230VAC, PF≧0.96/277VAC@
full load
(Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section)
COLD START 20A(twidth=260μs measured at 50% Ipeak) at 230VAC; Per NEMA 410
±5%
±0.03%/℃ (0 ~ 50℃)
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
26 units (circuit breaker of type B) / 44 units (circuit breaker of type C) at 230VAC
File Name:LCM-40BLE-SPEC 2019-08-13
(Please refer to "STATIC CHARACTERISTIC" section)
WORKING TEMP.
MAX. CASE TEMP.
Tcase=+90℃
Tcase=-25 ~ +90℃ (Please refer to “ OUTPUT LOAD vs TEMPERATURE” section)
AUXILIARY DC OUTPUT
Nominal 12V(deviation 11.4~12.6V)@50mA for AUX-Type only
CURRENT RIPPLE
Note.5
5.0% max. @rated current
Current level selectable via DIP switch, please refer to”DIP SWITCH TABLE” section
THD< 20%(@load≧75%)
(Please refer to “TOTAL HARMONIC DISTORTION(THD)” section)
2 ~ 100V
2 ~ 67V
2 ~ 80V
2 ~ 57V
2 ~ 45V
2 ~ 40V
0.23A/230VAC
0.2A/277VAC
UL8750, CSA C22.2 No.250.13-12, EN61347-1, EN61347-2-13, EN62384 independent approved
Compliance to EN55015, EN61000-3-2 Class C(@load≧40%) ; EN61000-3-3
EMC IMMUNITY
193.6K hrs min.
MIL-HDBK-217F (25℃)
123.5*81.5*23mm (L*W*H)
0.24Kg ; 54pcs/15Kg/1.12CUFT
EMC EMISSION Note.7
Compliance to EN61000-4-2,3,4,5,6,8,11, EN61547, light industry level(surge immunity Line-Line 2KV)
LCM-40BLE
WIRELESS PROTOCOL
Casambi Bluetooth low energy 2.4GHz protocol



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com