Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP4010EF-R47M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # DFP4010EF-R47M
Description  Power Ind
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

DFP4010EF-R47M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  DFP4010EF-R47M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. DFP4010EF-R47M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. DFP4010EF-R47M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature-40~+125℃ (Including self - temperature rise)
DFP
4010
EF
-
1R0
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
DFP4010EF
4.0±0.2
4.0±0.2
1.0 max.
1.2 ref.
1.6 ref.
Units: mm
Power Inductor
DFP4010EF-SERIES
HPC3015NF-100M
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) max.
I sat
(A)typ.
I rms
(A)typ
DFP4010EF-R47M
0.47
±20%
1V100K
0.037
0.043
4.30
3.50
DFP4010EF-R68M
0.68
±20%
1V100K
0.044
0.053
3.70
3.00
DFP4010EF-1R0M
1.0
±20%
1V100K
0.055
0.065
3.30
2.40
DFP4010EF-1R5M
1.5
±20%
1V100K
0.078
0.090
2.80
2.30
DFP4010EF-2R2M
2.2
±20%
1V100K
0.080
0.095
2.30
2.00
DFP4010EF-3R3M
3.3
±20%
1V100K
0.095
0.110
1.60
1.80
DFP4010EF-4R7M
4.7
±20%
1V100K
0.135
0.150
1.40
1.60
DFP4010EF-6R8M
6.8
±20%
1V100K
0.200
0.220
1.20
1.30
DFP4010EF-100M
10
±20%
1V100K
0.290
0.320
1.00
1.10
Note:
Isat:Based on inductance change (△L/L0:≦30%)@ ambient temp. 25℃
Irms:Based on temperature rise (△T:40℃ typ.)max
Halogen-free
Halogen


Similar Part No. - DFP4010EF-R47M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
DFP4012EF TAI-TECH-DFP4012EF Datasheet
145Kb / 2P
Power Inductor
DFP4012EF-1R0M TAI-TECH-DFP4012EF-1R0M Datasheet
145Kb / 2P
Power Inductor
DFP4012EF-1R2M TAI-TECH-DFP4012EF-1R2M Datasheet
145Kb / 2P
Power Inductor
DFP4012EF-1R5M TAI-TECH-DFP4012EF-1R5M Datasheet
145Kb / 2P
Power Inductor
DFP4012EF-2R2M TAI-TECH-DFP4012EF-2R2M Datasheet
145Kb / 2P
Power Inductor
More results

Similar Description - DFP4010EF-R47M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFRL1316D-470K XFMRS-XFRL1316D-470K Datasheet
47Kb / 1P
IND, 47uh COUPLED
XFWI453232-150J XFMRS-XFWI453232-150J Datasheet
35Kb / 1P
Wire Wound Chip Ind
XFWI453232-220K XFMRS-XFWI453232-220K Datasheet
35Kb / 1P
Wire Wound Chip Ind
logo
Pepperl+Fuchs Inc.
PMI360DV-F130-3E2-V15 PF-PMI360DV-F130-3E2-V15 Datasheet
981Kb / 4P
Ind. angular measuring system
PMI360DV-F130-IU2E2-V15 PF-PMI360DV-F130-IU2E2-V15 Datasheet
983Kb / 4P
Ind. angular measuring system
PMI90DV-F130-I2E2-V15 PF-PMI90DV-F130-I2E2-V15 Datasheet
1Mb / 6P
Ind. angular measuring system
PMI360D-F130-IE8-V15 PF-PMI360D-F130-IE8-V15 Datasheet
645Kb / 3P
Ind. angular measuring system
PMI360D-F130-R2-V15 PF-PMI360D-F130-R2-V15 Datasheet
1Mb / 3P
Ind. angular measuring system
PMI360DV-F130-IU-V15 PF-PMI360DV-F130-IU-V15 Datasheet
1Mb / 4P
Ind. angular measuring system
logo
Bourns Electronic Solut...
PF-H BOURNS-PF-H Datasheet
617Kb / 4P
PF-H (Ind) Series – Industrial Power Fuses
REV. 05/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com