Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP3012EF-R33M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # DFP3012EF-R33M
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

DFP3012EF-R33M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  DFP3012EF-R33M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. DFP3012EF-R33M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature-40~+125℃ (Including self - temperature rise)
DFP
3012
EF
-
1R0
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
DFP3012EF
3.0±0.2 3.0±0.2 1.2 max.
1.0 ref.
1.0 ref.
Units: mm
Power Inductor
DFP3012EF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) max.
I sat
(A) typ.
I rms
(A) typ.
DFP3012EF-R33M
0.33
±20%
1V/1M
0.030
0.036
8.00
4.20
DFP3012EF-R47M
0.47
±20%
1V/1M
0.031
0.037
5.40
4.10
DFP3012EF-1R0M
1.00
±20%
1V/1M
0.050
0.060
3.80
3.10
DFP3012EF-1R5M
1.50
±20%
1V/1M
0.070
0.084
3.30
2.60
DFP3012EF-2R2M
2.20
±20%
1V/1M
0.105
0.126
2.90
2.10
DFP3012EF-3R3M
3.30
±20%
1V/1M
0.170
0.204
2.60
1.70
DFP3012EF-4R7M
4.70
±20%
1V/1M
0.240
0.288
2.10
1.30
DFP3012EF-6R8M
6.80
±20%
1V/1M
0.340
0.408
1.90
1.20
Note:
Isat:Saturation Current (Isat) will cause L0 to drop approximately 30%.
Irms:Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃
Halogen-free
Halogen


Similar Part No. - DFP3012EF-R33M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
DFP3010EF TAI-TECH-DFP3010EF Datasheet
119Kb / 2P
Power Inductor
DFP3010EF-100M TAI-TECH-DFP3010EF-100M Datasheet
119Kb / 2P
Power Inductor
DFP3010EF-1R0M TAI-TECH-DFP3010EF-1R0M Datasheet
119Kb / 2P
Power Inductor
DFP3010EF-1R5M TAI-TECH-DFP3010EF-1R5M Datasheet
119Kb / 2P
Power Inductor
DFP3010EF-2R2M TAI-TECH-DFP3010EF-2R2M Datasheet
119Kb / 2P
Power Inductor
More results

Similar Description - DFP3012EF-R33M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com