Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHP322508RA-R68M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP322508RA-R68M
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP322508RA-R68M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP322508RA-R68M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP322508RA-R68M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature -40~+125℃(Including self - temperature rise)
AHP
322508 RA
-
1R0
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
AHP322508RA
3.2 ± 0.2
2.5 ± 0.2
0.8 Max
0.95 ref.
1.30 ref.
Units: mm
Power Inductor
AHP322508RA-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) Max.
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ
I rms
(A) MAX
AHP322508RA-R24M
0.24
±20
1V/1M
0.025
0.030
8.00
7.00
6.00
5.00
AHP322508RA-R33M
0.33
±20
1V/1M
0.035
0.042
7.00
6.00
5.50
4.50
AHP322508RA-R47M
0.47
±20
1V/1M
0.050
0.060
6.00
5.00
4.30
3.80
AHP322508RA-R68M
0.68
±20
1V/1M
0.065
0.078
5.50
4.50
3.80
3.30
AHP322508RA-1R0M
1.0
±20
1V/1M
0.085
0.102
5.00
4.00
3.30
3.00
AHP322508RA-1R5M
1.5
±20
1V/1M
0.110
0.132
4.50
3.50
2.80
2.50
AHP322508RA-2R2M
2.2
±20
1V/1M
0.170
0.204
4.00
3.00
2.30
2.00
AHP322508RA-3R3M
3.3
±20
1V/1M
0.250
0.300
3.00
2.00
2.00
1.70
AHP322508RA-4R7M
4.7
±20
1V/1M
0.380
0.456
2.80
1.80
1.50
1.30
AHP322508RA-6R8M
6.8
±20
1V/1M
0.530
0.636
2.50
1.50
1.30
1.10
AHP322508RA-100M
10.0
±20
1V/1M
0.760
0.912
1.80
1.30
1.10
0.90
Halogen-free
Halogen


Similar Part No. - AHP322508RA-R68M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AHP322508FA TAI-TECH-AHP322508FA Datasheet
94Kb / 2P
Power Inductor
AHP322508FA-100M TAI-TECH-AHP322508FA-100M Datasheet
94Kb / 2P
Power Inductor
AHP322508FA-1R0M TAI-TECH-AHP322508FA-1R0M Datasheet
94Kb / 2P
Power Inductor
AHP322508FA-1R5M TAI-TECH-AHP322508FA-1R5M Datasheet
94Kb / 2P
Power Inductor
AHP322508FA-2R2M TAI-TECH-AHP322508FA-2R2M Datasheet
94Kb / 2P
Power Inductor
More results

Similar Description - AHP322508RA-R68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com