Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHP252008RA-R33M Datasheet(PDF) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP252008RA-R33M
Description  Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP252008RA-R33M Datasheet(HTML) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP252008RA-R33M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP252008RA-R33M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP252008RA-R33M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. AHP252008RA-R33M Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAI-TECH
www.tai-tech.com.tw
P9
9. Typical Performance Curves
0
1.5
3
4.5
6
DCcurrent(A)
0
0.1
0.2
0.3
0.4
AHP252008RA-R24
0
1.5
3
4.5
6
DCcurrent(A)
0
0.15
0.3
0.45
0.6
AHP252008RA-R33
0
1.5
3
4.5
6
DCcurrent(A)
0
0.2
0.4
0.6
0.8
AHP252008RA-R47
0
1.2
2.4
3.6
4.8
DCcurrent(A)
0
0.3
0.6
0.9
1.2
AHP252008RA-R68
0
1
2
3
4
DCcurrent(A)
0
0.5
1
1.5
2
AHP252008RA-1R0
0
0.5
1
1.5
2
DCcurrent(A)
0
1
2
3
4
AHP252008RA-2R2
0
0.4
0.8
1.2
1.6
DCcurrent(A)
0
1.5
3
4.5
6
AHP252008RA-3R3
0
0.8
1.6
2.4
3.2
DCcurrent(mA)
0
0.7
1.4
2.1
2.8
AHP252008RA-1R5
DCcurrent(A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com