Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHP4010HF-R68M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP4010HF-R68M
Description  Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP4010HF-R68M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP4010HF-R68M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP4010HF-R68M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP4010HF-R68M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. AHP4010HF-R68M Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
AHP
4010
HF
-
4R7
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
D: Inductance
4R7=4.7uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
AHP4010HF
4.0±0.2
4.0±0.2
1.0 max.
1.2 ref.
1.6 ref.
Power Inductor
AHP4010HF-SERIES
Halogen-free
Halogen
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) tpy.
DCR
(Ω) Max.
I sat
(A)typ.
I sat
(A)Max.
I rms
(A)typ.
I rms
(A)Max.
AHP4010HF-R47M
0.47
±20%
1V100K
0.038
0.045
8.00
7.00
4.50
4.00
AHP4010HF-R68M
0.68
±20%
1V100K
0.050
0.060
7.00
6.00
4.00
3.50
AHP4010HF-1R0M
1.0
±20%
1V100K
0.059
0.069
6.00
5.00
3.50
3.20
AHP4010HF-1R5M
1.5
±20%
1V100K
0.062
0.075
4.00
3.50
3.50
3.00
AHP4010HF-2R2M
2.2
±20%
1V100K
0.075
0.090
3.10
2.60
3.00
2.50
AHP4010HF-3R3M
3.3
±20%
1V100K
0.115
0.140
2.80
2.30
2.50
2.00
AHP4010HF-4R7M
4.7
±20%
1V100K
0.200
0.240
2.50
2.00
2.10
1.70
AHP4010HF-6R8M
6.8
±20%
1V100K
0.300
0.360
2.10
1.80
1.60
1.40
AHP4010HF-100M
10.0
±20%
1V100K
0.440
0.510
1.80
1.50
1.40
1.20
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature :-40~+125℃ (Including self - temperature rise)


Similar Part No. - AHP4010HF-R68M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AHP4010HV TAI-TECH-AHP4010HV Datasheet
84Kb / 3P
Power Inductor
AHP4010HV-100M TAI-TECH-AHP4010HV-100M Datasheet
84Kb / 3P
Power Inductor
AHP4010HV-1R0M TAI-TECH-AHP4010HV-1R0M Datasheet
84Kb / 3P
Power Inductor
AHP4010HV-1R5M TAI-TECH-AHP4010HV-1R5M Datasheet
84Kb / 3P
Power Inductor
AHP4010HV-2R2M TAI-TECH-AHP4010HV-2R2M Datasheet
84Kb / 3P
Power Inductor
More results

Similar Description - AHP4010HF-R68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com