Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHP3012HF-R47M Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP3012HF-R47M
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP3012HF-R47M Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP3012HF-R47M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP3012HF-R47M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP3012HF-R47M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
Note:
Isat:Based on inductance change (△L/L0:≦30%)@ ambient temp. 25℃
Irms:Based on temperature rise (△T:40℃.)Max
Measurement board data
Material : FR4
Board dimensions : 100 X 50 X 1.6t mm
Pattern dimensions: 45 X 30 mm (Double side board)
Pattern thickness
: 50 μm
0
2.5
5
7.5
10
DCcurrent(A)
0
0.15
0.3
0.45
0.6
AHP3012HF-R33
0
2
4
6
8
DCcurrent(A)
0
0.2
0.4
0.6
0.8
AHP3012HF-R47
0
2
4
6
8
DCcurrent(A)
0
0.3
0.6
0.9
1.2
AHP3012HF-R68
0
1.5
3
4.5
6
DCcurrent(A)
0
0.5
1
1.5
2
AHP3012HF-1R0
0
1.2
2.4
3.6
4.8
DCcurrent(A)
0
0.7
1.4
2.1
2.8
AHP3012HF-1R5
0
1
2
3
4
DCcurrent(A)
0
1
2
3
4
AHP3012HF-2R2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com