Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1935239 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1935239
Description  PCB terminal block - PT 1,5/ 9-5,0-H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1935239 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1935239 Datasheet HTML 1Page - PHOENIX CONTACT 1935239 Datasheet HTML 2Page - PHOENIX CONTACT 1935239 Datasheet HTML 3Page - PHOENIX CONTACT 1935239 Datasheet HTML 4Page - PHOENIX CONTACT 1935239 Datasheet HTML 5Page - PHOENIX CONTACT 1935239 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/1935239
08/04/2015   Page 1 / 6
PCB terminal block - PT 1,5/ 9-5,0-H - 1935239
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 17.5 A, Nom. voltage: 400 V, Pitch: 5 mm, Number of positions: 9,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
green, Also possible: Connection of a 1.5 mm² conductor with ferrule, then however with reduction in rated
voltage or pollution degree / surge category.
The figure shows a 10-position
version of the product
Product Features
 Large terminal block capacity thanks to rectangular clamping space
 Rugged version with high current carrying capacity
 Highly flexible conductor protection for easy, repeated connection
 Plus/minus screw
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
9.06 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
9 mm
Height
11.3 mm
Pitch
5 mm
Dimension a
40 mm
Pin dimensions
1,0 mm
Pin spacing
5 mm
Hole diameter
1.3 mm
General


Similar Part No. - 1935239

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19352 BELDEN-19352 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19352-010250 BELDEN-19352-010250 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
logo
Festo Corporation.
193520 FESTO-193520 Datasheet
85Kb / 1P
Vacuum generator
logo
PHOENIX CONTACT
1935200 PHOENIX-1935200 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 6-5,0-H
1935213 PHOENIX-1935213 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 7-5,0-H
More results

Similar Description - 1935239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1935161 PHOENIX-1935161 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 2-5,0-H
1935174 PHOENIX-1935174 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 3-5,0-H
1935187 PHOENIX-1935187 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 4-5,0-H
1935190 PHOENIX-1935190 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 5-5,0-H
1935200 PHOENIX-1935200 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 6-5,0-H
1935213 PHOENIX-1935213 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 7-5,0-H
1935242 PHOENIX-1935242 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/10-5,0-H
1935255 PHOENIX-1935255 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/11-5,0-H
1935268 PHOENIX-1935268 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/12-5,0-H
1935284 PHOENIX-1935284 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/14-5,0-H
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com