Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2ICS2002WV6F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HT2ICS2002WV6F
Description  HITAG 2 transponder IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2ICS2002WV6F Datasheet(HTML) 1 Page - NXP Semiconductors

  HT2ICS2002WV6F Datasheet HTML 1Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 2Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 3Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 4Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 5Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 6Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 7Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 8Page - NXP Semiconductors HT2ICS2002WV6F Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
General description
HITAG 2 based transponders are highly integrated and do not need any additional
components beside the HITAG 2 transponder IC and the external coil. Data are
transmitted bidirectionally, in half duplex mode, between Read Write Device (RWD) and
HITAG transponder IC. To achieve a main stream security, data may be transmitted
enciphered. HITAG 2 transponder IC offer a memory of 256 bit.
Custom specific configuration of the transponder IC is possible by using the configuration
page. The configuration page allows the selection of different modes and access
possibilities and also the configuration of the memory. The pages of the memory can be
protected against read or write access by setting corresponding memory flags.
The HITAG 2 transponder IC provides - besides password and crypto mode - the following
three standard read only modes, that can be configured using the configuration byte:
• public-mode A
• public-mode B (animal identification, according to ISO 11784 and ISO 11785)
• public-mode C (PIT compatible mode PCF793x)
2.
Features and benefits
Identification transponder for use in contactless applications
Operating frequency 125 kHz
Data transmission and energy supply via RF link, no internal battery
Reading distance same as writing distance
Non-volatile memory of 256 bits (128-bit user data and 128-bit control data/secret
memory) organized in 8 pages, 4 bytes each
10 years non-volatile data retention
100000 erase/write cycles
Selective read/write protection of memory content
Two coding schemes for read operation: Biphase and Manchester coding
Effective communication protocol with outstanding data integrity check
Mutual authentication function
Read/write mode allows:
Plain data transmission (password mode)
Encrypted data transmission (crypto mode)
In read/write mode multi-tag operation possible because of special HALT-function
Emulation of standard industrial read-only transponders:
HT2x
HITAG 2 transponder IC
Rev. 3.1 — 3 November 2014
210431
Product short data sheet
COMPANY PUBLIC


Similar Part No. - HT2ICS2002WV6F

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
logo
Weller Tools
HT2 WELLER-HT2 Datasheet
80Kb / 4P
Soldering Tips
logo
PANDUIT CORP.
HT2-BLU PANDUIT-HT2-BLU Datasheet
82Kb / 1P
Voltage and Safety Marker Books
HT2-GRN PANDUIT-HT2-GRN Datasheet
82Kb / 1P
Voltage and Safety Marker Books
HT2-ORN PANDUIT-HT2-ORN Datasheet
82Kb / 1P
Voltage and Safety Marker Books
More results

Similar Description - HT2ICS2002WV6F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HT1DC20S30 PHILIPS-HT1DC20S30 Datasheet
55Kb / 8P
HITAG 1 stick transponder
2001 Sep 24
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
Entry Transponder IC
TMS37C136 TI-TMS37C136 Datasheet
59Kb / 1P
Controller Entry Transponder IC
logo
NXP Semiconductors
HT2DC20S20 NXP-HT2DC20S20 Datasheet
73Kb / 16P
HITAG 2 stick transponder
2001 Oct 01
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
HTSICH56 NXP-HTSICH56 Datasheet
252Kb / 21P
HITAG S transponder IC
Rev. 3.1-11 December 2014
HT1X NXP-HT1X Datasheet
132Kb / 9P
HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HTCICC64 NXP-HTCICC64 Datasheet
84Kb / 14P
HITAG 關 RO64 transponder IC
Rev. 3.2-20 October 2014
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
Security Transponder, HITAG 2
July 1998
HITAG NXP-HITAG Datasheet
781Kb / 44P
ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com