Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5285CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5285CS
Description  Dual 4ns High-Speed Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5285CS Datasheet(HTML) 9 Page - Intersil Corporation

  EL5285CS Datasheet HTML 1Page - Intersil Corporation EL5285CS Datasheet HTML 2Page - Intersil Corporation EL5285CS Datasheet HTML 3Page - Intersil Corporation EL5285CS Datasheet HTML 4Page - Intersil Corporation EL5285CS Datasheet HTML 5Page - Intersil Corporation EL5285CS Datasheet HTML 6Page - Intersil Corporation EL5285CS Datasheet HTML 7Page - Intersil Corporation EL5285CS Datasheet HTML 8Page - Intersil Corporation EL5285CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
These two methods will generate hysteresis of up to a few
hundred millivolts. Beyond that, the impedance of R3 is low
enough to affect the bias string and adjustment of R1 may be
required.
Power Dissipation
When switching at high speeds, the comparator's drive
capability is limited by the rise in junction temperature
caused by the internal power dissipation. For reliable
operation, the junction temperature must be kept below
TJMAX (125°C).
An approximate equation for the device power dissipation is
as follows. Assume the power dissipation in the load is very
small:
where:
VS is the analog supply voltage from VS+ to VS-
IS is the analog quiescent supply current per comparator
VSD is the digital supply voltage from VSD to ground
ISD is the digital supply current per comparator
N is the number of comparators in the package
ISD strongly depends on the input switching frequency.
Please refer to the performance curve to choose the input
driving frequency. Having obtained the power dissipation, the
maximum junction temperature can be determined as
follows:
where:
TMAX is the maximum ambient temperature
θJA is the thermal resistance of the package
Threshold Detector
The inverting input is connected to a reference voltage and
the non-inverting input is connected to the input. As the input
passes the VREF threshold, the comparator's output
changes state. The non-inverting and inverting inputs may
be reversed.
Crystal Oscillator
A simple crystal oscillator using one comparator of an
EL5285 is shown below. The resistors R1 and R2 set the
bias point at the comparator's non-inverting input. Resistors
R3, R4, and C1 set the inverting input node at an appropriate
DC average voltage based on the output. The crystal's path
provides resonant positive feedback and stable oscillation
occurs. Although the EL5285 will give the correct logic
output when an input is outside the common mode range,
additional delays may occur when it is so operated.
Therefore, the DC bias voltages at the inputs are set about
500mV below the center of the common mode range and the
200
Ω resistor attenuates the feedback to the non-inverting
input. The circuit will operate with most AT-cut crystal from
1MHz to 8MHz over a 2V to 7V supply range. The output
duty cycle for this circuit is roughly 50% at 5V VCC, but it is
affected by the tolerances of the resistors. The duty cycle
can be adjusted by changing VCC value.
P
DISS
V
S
I
S
V
SD
I
SD )
×
+
×
N
×
(
=
T
JMAX
T
MAX
Θ
JA
P
DISS
×
+
=
+
-
VIN
VREF
VOUT
+
-
200
Ω
VOUT
R4
R3
5V
1MHz to
8MHz
2k
Ω
C1
0.01µF
5k
Ω
1.5k
Ω
2k
Ω
R1
R2
EL5285



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com