Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP21610U-R47MA Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MCP21610U-R47MA
Description  High Current Ferrite Chip Inductor (Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MCP21610U-R47MA Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MCP21610U-R47MA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MCP21610U-R47MA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
1
2.0x1.6 mm and 1 mm in height (very compact size): CAE and fine
printing technology made this compact size possible
2.
Stable minimum DC resistance in the class.
3.
High speed mounting: Using SMT mounter makes less than a second
mounting possible.
4
Excellent mounting strength by SMD chip making.
5
Reduced noise over 2/3 of coil inductor by optimal design of CAD
Completely lead-free product and support lead-free solder.
6. Operating Temperature:-55~+105℃(Including self-temperature rise)
Tai-Tech
Inductance(uH)
Test Frequency
(Hz)
Rated Current
DCR(Ω)
Part Number
(mA) max.
max.
typ.
MCP21610U-R47MA
0.47±20%
1M / 60mV
1600
0.075
0.06
MCP21610U-1R0MA
1.00±20%
1M / 60mV
1300
0.12
0.09
MCP21610U-1R5MA
1.50±20%
1M / 60mV
1200
0.13
0.10
MCP21610U-2R2MA
2.20±20%
1M / 60mV
1200
0.14
0.11
MCP21610U-3R3MA
3.30±20%
1M / 60mV
1100
0.16
0.13
MCP21610U-4R7MA
4.70±20%
1M / 60mV
900
0.20
0.16
●
Rated current: based on temperature rise test
●
In compliance with EIA 595
High Current Ferrite Chip Inductor (Lead Free)
MCP21610U-Series
Chip Size
Series
A(mm)
B(mm)
C(mm)
D(mm)
21610
2.0±0.2
1.6±0.2
1.0 max.
0.5±0.3
Halogen-free
Halogen
MCP
21610
U
-
2R2
M
A
A
B
C
D
EF
A: Series
B: Dimension
C: Material
D: Inductance
2R2=2.20uH
E: Inductance Tolerance
M=±20%
F: Category Code


Similar Part No. - MCP21610U-R47MA

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MCP2100-X001A-C ATGBICS-MCP2100-X001A-C Datasheet
151Kb / 3P
MCP2100-X001A NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
MCP2104-X001B-C ATGBICS-MCP2104-X001B-C Datasheet
151Kb / 3P
MCP2104-X001B NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
MCP2104-X002B-C ATGBICS-MCP2104-X002B-C Datasheet
152Kb / 3P
MCP2104-X002B NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
MCP2104-X003B-C ATGBICS-MCP2104-X003B-C Datasheet
151Kb / 3P
MCP2104-X003B NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
logo
TAI-TECH Advanced Elect...
MCP2110U TAI-TECH-MCP2110U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
More results

Similar Description - MCP21610U-R47MA

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
CPI252010UF TAI-TECH-CPI252010UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI201610UF TAI-TECH-CPI201610UF Datasheet
69Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI160809UF TAI-TECH-CPI160809UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CMPI252010 TAI-TECH-CMPI252010 Datasheet
68Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP2110U TAI-TECH-MCP2110U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MPI252010MF TAI-TECH-MPI252010MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI201610MF TAI-TECH-MPI201610MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809SF TAI-TECH-MPI160809SF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809MF TAI-TECH-MPI160809MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP25210U TAI-TECH-MCP25210U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com