Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC252012CF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # HPC252012CF
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

HPC252012CF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  HPC252012CF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. HPC252012CF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. HPC252012CF Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
Power Inductor
HPC252012CF-SERIES
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature:-40~+125℃(Including self - temperature rise)
HPC
252012 CF
-
4R7
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
4R7=4.7uH
E: Inductance Tolerance
M=±20%;Y=±30%
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) ±20%
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ
I rms
(A) Max.
HPC252012CF-1R0Y
1.0
±30%
0.1V/1M
0.073
2.80
2.24
2.20
1.76
HPC252012CF-1R5Y
1.5
±30%
0.1V/1M
0.100
2.20
1.76
1.86
1.48
HPC252012CF-2R2M
2.2
±20%
0.1V/1M
0.129
1.80
1.44
1.70
1.36
HPC252012CF-3R3M
3.3
±20%
0.1V/1M
0.220
1.30
1.04
1.20
0.96
HPC252012CF-4R7M
4.7
±20%
0.1V/1M
0.290
1.10
0.88
1.04
0.83
HPC252012CF-6R8M
6.8
±20%
0.1V/1M
0.370
0.94
0.75
0.94
0.75
HPC252012CF-100M
10
±20%
0.1V/1M
0.570
0.82
0.65
0.84
0.60
HPC252012CF-150M
15
±20%
0.1V/1M
0.835
0.70
0.60
0.50
0.45
HPC252012CF-220M
22
±20%
0.1V/1M
1.200
0.60
0.55
0.45
0.40
Note:
Heat Rated Current (Irms) will cause the coil temperature rise approximately Δt of 40℃.
Saturation Current (Isat) will cause L0 to drop approximately 30%.
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
HPC252012CF
2.5±0.2
2.0±0.2
1.2Max
0.85 ref.
0.80 ref.
Halogen-free
Halogen


Similar Part No. - HPC252012CF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
HPC252008MF TAI-TECH-HPC252008MF Datasheet
122Kb / 3P
Power Inductor
HPC252008MF-100M TAI-TECH-HPC252008MF-100M Datasheet
122Kb / 3P
Power Inductor
HPC252008MF-1R0M TAI-TECH-HPC252008MF-1R0M Datasheet
122Kb / 3P
Power Inductor
HPC252008MF-1R5M TAI-TECH-HPC252008MF-1R5M Datasheet
122Kb / 3P
Power Inductor
HPC252008MF-2R2M TAI-TECH-HPC252008MF-2R2M Datasheet
122Kb / 3P
Power Inductor
More results

Similar Description - HPC252012CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com