Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5292CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5292CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5292CS Datasheet HTML 5Page - Intersil Corporation EL5292CS Datasheet HTML 6Page - Intersil Corporation EL5292CS Datasheet HTML 7Page - Intersil Corporation EL5292CS Datasheet HTML 8Page - Intersil Corporation EL5292CS Datasheet HTML 9Page - Intersil Corporation EL5292CS Datasheet HTML 10Page - Intersil Corporation EL5292CS Datasheet HTML 11Page - Intersil Corporation EL5292CS Datasheet HTML 12Page - Intersil Corporation EL5292CS Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Typical Performance Curves (Continued)
Settling Time vs Settling Accuracy
25
20
15
10
5
0
0.01
0.1
1
Settling Accuracy (%)
AV=2
RF=RG=375Ω
RL=150Ω
VSTEP=5VP-P output
Transimpedance (RoI) vs Temperature
500
450
350
300
-40
10
60
110
160
Die Temperature (°C)
400
ICMR and IPSR vs Temperature
2.5
2
1
0.5
0
-0.5
-1
-40
10
60
110
160
Die Temperature (°C)
1.5
ICMR+
ICMR-
IPSR
Offset Voltage vs Temperature
3
1
0
-1
-2
-40
10
60
110
160
Die Temperature (°C)
2
PSRR and CMRR vs Temperature
90
80
60
50
40
30
20
10
-40
10
60
110
160
Die Temperature (°C)
70
PSRR
CMRR
Input Current vs Temperature
60
40
20
-20
-40
-60
-80
-40
10
110
160
Temperature (°C)
0
60
IB+
IB-
EL5292, EL5292A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com